Electronic Components Datasheet Search
  English  ▼

X  

SD3327 Datasheet(PDF) 3 Page - SHOUDING Shouding Semiconductor

Part # SD3327
Description  InoperatIve LED lamp touch chip
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOUDING [SHOUDING Shouding Semiconductor]
Direct Link  http://shouding.net/
Logo SHOUDING - SHOUDING Shouding Semiconductor

SD3327 Datasheet(HTML) 3 Page - SHOUDING Shouding Semiconductor

  SD3327 Datasheet HTML 1Page - SHOUDING Shouding Semiconductor SD3327 Datasheet HTML 2Page - SHOUDING Shouding Semiconductor SD3327 Datasheet HTML 3Page - SHOUDING Shouding Semiconductor SD3327 Datasheet HTML 4Page - SHOUDING Shouding Semiconductor SD3327 Datasheet HTML 5Page - SHOUDING Shouding Semiconductor SD3327 Datasheet HTML 6Page - SHOUDING Shouding Semiconductor SD3327 Datasheet HTML 7Page - SHOUDING Shouding Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SD3327
3
管脚定义
管脚号
管脚名称
管脚类型
描述
1
VDD
电源
芯片电源
2
GND
地
芯片地
3
OUT1
输出
0%占空比和 100%占空比两种状态
4
OUT2
输出
从 0%占空比变化到 100%占空比状态
5
RC
输入
芯片工作频率调节
6
TREF
输入
参考电容设置
7
TS
输入
触摸感应端
8
NC
悬空
悬空
内部电路方框图
VDD
OUT2
RC
触摸
检测
逻辑控制
GND
TS
振荡器
TREF
OUT1
图 2:
的内部电路方框图
SD3327_CDF.1
www.shouding.net
Shouding
SD3327
无极型LED灯触摸调光芯片
无极型LED灯触摸调光芯片
无极型LED灯触摸调光芯片
无极型LED灯触摸调光芯片
无极型LED灯触摸调光芯片
无极型LED灯触摸调光芯片
无极型LED灯触摸调光芯片



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com