Electronic Components Datasheet Search
  English  ▼

X  

SD3327 Datasheet(PDF) 1 Page - SHOUDING Shouding Semiconductor

Part # SD3327
Description  InoperatIve LED lamp touch chip
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOUDING [SHOUDING Shouding Semiconductor]
Direct Link  http://shouding.net/
Logo SHOUDING - SHOUDING Shouding Semiconductor

SD3327 Datasheet(HTML) 1 Page - SHOUDING Shouding Semiconductor

  SD3327 Datasheet HTML 1Page - SHOUDING Shouding Semiconductor SD3327 Datasheet HTML 2Page - SHOUDING Shouding Semiconductor SD3327 Datasheet HTML 3Page - SHOUDING Shouding Semiconductor SD3327 Datasheet HTML 4Page - SHOUDING Shouding Semiconductor SD3327 Datasheet HTML 5Page - SHOUDING Shouding Semiconductor SD3327 Datasheet HTML 6Page - SHOUDING Shouding Semiconductor SD3327 Datasheet HTML 7Page - SHOUDING Shouding Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SD7137
SD3327
SD3327
SD7136
SD7135
SD3327
SD3327
SD3327
SD3327
Shouding
SD3327
SD3327
1
典型应用电路图
VDD
OUT1
GND
RC
TREF
DC
VIN
CI2
OUT2
TS
CI1
REXT
RANT
触摸端
图 1:
典型应用电路图
概述
是一款双通道电容式的触摸
台灯控制芯片,可用单键触摸来控制两路
输出。
应用电路简单,外围仅需两
个电容和一个电阻就可以实现触摸控制功
能,加工方便、成本低,并且采用电容式
检测方式可实现触摸开关与控制电路相隔
离,安全可靠。
不仅具有简单的开启或关闭
触摸开关控制功能,还具有无极调光的控
制模式,
可实现占空比 0%到 100%的调光。
自带一定的负载输出能力,
也可以使用外置的 NPN 或者 NMOS 实现
扩流。
还可以与
、
和
结合使用来实现 LED 的恒流驱
动。
采用 SOP8 封装。
特点
 电源电压:3.0V~6.0V
 工作模式:单键触摸控制两通道
 无极调光:占空比 0%~100%
 内置上电复位
 自带负载输出能力:
IOUT =100mA @6.0V
IOUT =77mA @5.0V
IOUT =43mA @4.0V
应用领域
 触摸调光台灯
 便携式照明设备
SD3327_CDF.1
www.shouding.net
无极型LED灯触摸调光芯片
无极型LED灯触摸调光芯片
无极型LED灯触摸调光芯片
无极型LED灯触摸调光芯片
无极型LED灯触摸调光芯片
无极型LED灯触摸调光芯片
无极型LED灯触摸调光芯片


Similar Part No. - SD3327

ManufacturerPart #DatasheetDescription
logo
SHOUDING Shouding Semic...
SD3320 SHOUDING-SD3320 Datasheet
716Kb / 5P
LED drive control IC
logo
List of Unclassifed Man...
SD33240E ETC1-SD33240E Datasheet
1Mb / 30P
SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES 2-, 2.5-, 3-, AND 4-MINUTE DURATIONS
SD33240ED ETC1-SD33240ED Datasheet
1Mb / 30P
SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES 2-, 2.5-, 3-, AND 4-MINUTE DURATIONS
SD33240EI ETC1-SD33240EI Datasheet
1Mb / 30P
SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES 2-, 2.5-, 3-, AND 4-MINUTE DURATIONS
SD33240P ETC1-SD33240P Datasheet
1Mb / 30P
SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES 2-, 2.5-, 3-, AND 4-MINUTE DURATIONS
More results

Similar Description - SD3327

ManufacturerPart #DatasheetDescription
logo
AUK corp
SB1314-V AUK-SB1314-V Datasheet
267Kb / 4P
Chip LED Lamp
SB1314E-V AUK-SB1314E-V Datasheet
229Kb / 4P
Chip LED Lamp
SM1316 AUK-SM1316 Datasheet
180Kb / 3P
Chip LED Lamp
SO1316 AUK-SO1316 Datasheet
295Kb / 4P
Chip LED Lamp
SW1314E-V AUK-SW1314E-V Datasheet
267Kb / 6P
Chip LED Lamp
SY1316 AUK-SY1316 Datasheet
237Kb / 4P
Chip LED Lamp
SB1316 AUK-SB1316 Datasheet
79Kb / 3P
Chip LED Lamp
logo
KODENSHI_AUK CORP.
SG1316 KODENSHI-SG1316 Datasheet
189Kb / 4P
Chip LED Lamp
logo
SHOUDING Shouding Semic...
SB8226 SHOUDING-SB8226 Datasheet
994Kb / 7P
LED lamp stepless light touch chip
logo
Analog Technologies, In...
ATSLTL1R8W ANALOGTECHNOLOGIES-ATSLTL1R8W Datasheet
216Kb / 4P
Touch LED Table Lamp
10/9/2015
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com