Electronic Components Datasheet Search
  English  ▼

X  

TLE4117 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # TLE4117
Description  Voltage Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4117 Datasheet(HTML) 5 Page - Infineon Technologies AG

  TLE4117 Datasheet HTML 1Page - Infineon Technologies AG TLE4117 Datasheet HTML 2Page - Infineon Technologies AG TLE4117 Datasheet HTML 3Page - Infineon Technologies AG TLE4117 Datasheet HTML 4Page - Infineon Technologies AG TLE4117 Datasheet HTML 5Page - Infineon Technologies AG TLE4117 Datasheet HTML 6Page - Infineon Technologies AG TLE4117 Datasheet HTML 7Page - Infineon Technologies AG TLE4117 Datasheet HTML 8Page - Infineon Technologies AG TLE4117 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Target Data Sheet Rev. 0.1
5
2000-05-26
TLE 4117
Figure 4
Pin Definitions and Functions TLE 4117 D Vx Fixed Voltage Devices
Pin No.
Symbol
Function
1GND
Ground
2Q
Output; Output voltage is 1.8 V, 2.5 V, 3.3 V or 5 V.
A 10
µF output capacitor with ESR < 3 Ω is required.
3I
Input
AEP02817
GND
1
Q
I
Q
P-TO252-3-11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17