Electronic Components Datasheet Search
  English  ▼

X  

TLE4117 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE4117
Description  Voltage Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4117 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE4117 Datasheet HTML 5Page - Infineon Technologies AG TLE4117 Datasheet HTML 6Page - Infineon Technologies AG TLE4117 Datasheet HTML 7Page - Infineon Technologies AG TLE4117 Datasheet HTML 8Page - Infineon Technologies AG TLE4117 Datasheet HTML 9Page - Infineon Technologies AG TLE4117 Datasheet HTML 10Page - Infineon Technologies AG TLE4117 Datasheet HTML 11Page - Infineon Technologies AG TLE4117 Datasheet HTML 12Page - Infineon Technologies AG TLE4117 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
Target Data Sheet Rev. 0.1
9
2000-05-26
TLE 4117
Characteristics 1.8 V Fixed Output Voltage Device TLE 4117 D V18
0
°C < T
j < 125 °C; CQ = 10 µF, IQ = 10 mA; unless otherwise specified.
Parameter
Symbol
Limit Values
Unit
Measuring Conditions
min.
typ.
max.
Output voltage
V
Q
1.76
1.8
1.84
V
V
I = 4 V, IQ = 10 mA,
T
j =25 °C
Output voltage
V
Q
1.72
1.8
1.88
V
3.2 V
≤ V
I ≤=10 V
0
≤ I
Q ≤ 800 mA
Line regulation
∆V
Q
–
10
30
mV
3.2 V
≤ V
I ≤ 15 V
I
Q = 0 mA
Load regulation
∆V
Q
–
10
30
mV
V
I = 3.2 V
1 mA
≤ I
Q ≤ 800 mA
Temperature
Stability
∆V
Q
–
0.5
–
%
1)
Long Term
Stability
∆V
Q
–
0.3
–
%
1000 h,
T
j = 125 °C
1)
Quiescent current
I
q
–
12
mA
V
I < 21 V
Output current
I
Q max
800
––
mA
T
j = 25 °C
Minimum Load
Current
I
Q min
––
0mA
Drop voltage
V
Dr
–
11.1
V
I
Q = 100 mA
2)
Drop voltage
V
Dr
–
1.05
1.15
V
I
Q = 500 mA
2)
Drop voltage
V
Dr
–
1.1
1.2
V
I
Q = 800 mA
2)
Power Supply
Ripple Rejection
PSRR
60
65
–
dB
f
r = 120 Hz, Tj = 25 °C
1)
V
r =0.5 VPP, VI = 5.5 V
1)
Guaranteed by Design.
2)
Measured when output voltage dropped 100 mV below nominal voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com