Electronic Components Datasheet Search
  English  ▼

X  

LTC3372 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3372
Description  60V Low IQ Buck Controller Plus 4-Channel 8A Configurable Buck DC/DCs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3372 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3372 Datasheet HTML 9Page - Linear Technology LTC3372 Datasheet HTML 10Page - Linear Technology LTC3372 Datasheet HTML 11Page - Linear Technology LTC3372 Datasheet HTML 12Page - Linear Technology LTC3372 Datasheet HTML 13Page - Linear Technology LTC3372 Datasheet HTML 14Page - Linear Technology LTC3372 Datasheet HTML 15Page - Linear Technology LTC3372 Datasheet HTML 16Page - Linear Technology LTC3372 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
LTC3372
13
Rev. A
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Precise Enable Threshold
vs Temperature
VINA-H UVLO Threshold
vs Temperature
2A Buck Load Step Burst Mode
2A Buck Load Step Forced
Continuous Mode
2A Buck Start-Up
(LV Buck Regulator) TA = 25°C, unless otherwise noted.
RISING
FALLING
VIN = 3.3V
TEMPERATURE (°C)
–75 –50 –25 0
25 50 75 100 125 150
320
330
340
350
360
370
380
390
400
410
420
3372 G43
RISING
FALLING
TEMPERATURE (°C)
–75 –50 –25 0
25 50 75 100 125 150
1.90
1.95
2.00
2.05
2.10
2.15
2.20
2.25
2.30
3372 G44
VIN = 3.3V
VOUT = 1.8V
ILOAD = 100mA to 1.6A
100µs/DIV
ILOAD
1A/DIV
IIND
1A/DIV
VOUT
AC–COUPLED
50mV/DIV
3372 G45
VIN = 3.3V
VOUT = 1.8V
ILOAD = 100mA to 1.6A
100µs/DIV
ILOAD
1A/DIV
IIND
1A/DIV
VOUT
AC–COUPLED
50mA/DIV
3372 G46
VIN = 3.3V
VOUT = 1.8V
2ms/DIV
VIN
1V/DIV
VOUT
1V/DIV
3372 G47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com