Electronic Components Datasheet Search
  English  ▼

X  

LTC3372 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3372
Description  60V Low IQ Buck Controller Plus 4-Channel 8A Configurable Buck DC/DCs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3372 Datasheet(HTML) 3 Page - Linear Technology

  LTC3372 Datasheet HTML 1Page - Linear Technology LTC3372 Datasheet HTML 2Page - Linear Technology LTC3372 Datasheet HTML 3Page - Linear Technology LTC3372 Datasheet HTML 4Page - Linear Technology LTC3372 Datasheet HTML 5Page - Linear Technology LTC3372 Datasheet HTML 6Page - Linear Technology LTC3372 Datasheet HTML 7Page - Linear Technology LTC3372 Datasheet HTML 8Page - Linear Technology LTC3372 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
LTC3372
3
Rev. A
For more information www.analog.com
ABSOLUTE MAXIMUM RATINGS
Input Supply (VIN) Voltage......................... –0.3V to 65V
Topside Driver (BOOST) Voltage.................–0.3V to 71V
Switch (SW) Voltage..................................... –5V to 65V
(BOOST-SW) Voltage................................... –0.3V to 6V
RUN Voltage............................................... –0.3V to 65V
TRACK/SS, VOUT/EXTVCC, SENSE+, SENSE–, PGOOD,
RT, PLL/MODE, FB1-4, EN1-4, C1-3, WDI,
WDO, RST, VINA-H Voltages.......................... –0.3V to 6V
(Note 1)
TOP VIEW
49
GND
UK PACKAGE
48-LEAD (7mm × 7mm) PLASTIC QFN
TJMAX = 150°C, θJA = 34°C/W
EXPOSED PAD (PIN 49) IS GND, MUST BE SOLDERED TO PCB
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
RST
TEMP
EN1
FB1
VINA
SWA
SWB
VINB
VINC
SWC
SWD
VIND
BG
INTVCC
EN4
FB4
VINH
SWH
SWG
VING
VINF
SWF
SWE
VINE
PIN CONFIGURATION
TG, BG ............................................................. (Note 11)
ITH, VOUTPRG, CT,
TEMP Voltages........................ –0.3V to (INTVCC + 0.3V)
IRST, IWDO ................................................................5mA
Operating Junction Temperature Range
(Notes 2, 3)............................................ –40°C to 150°C
Storage Temperature Range .................. –65°C to 150°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com