Electronic Components Datasheet Search
  English  ▼

X  

LTC3374 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3374
Description  60V Low IQ Buck Controller Plus 4-Channel 8A Configurable Buck DC/DCs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3374 Datasheet(HTML) 1 Page - Linear Technology

  LTC3374 Datasheet HTML 1Page - Linear Technology LTC3374 Datasheet HTML 2Page - Linear Technology LTC3374 Datasheet HTML 3Page - Linear Technology LTC3374 Datasheet HTML 4Page - Linear Technology LTC3374 Datasheet HTML 5Page - Linear Technology LTC3374 Datasheet HTML 6Page - Linear Technology LTC3374 Datasheet HTML 7Page - Linear Technology LTC3374 Datasheet HTML 8Page - Linear Technology LTC3374 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
LTC3372
1
Rev. A
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
60V Low IQ Buck Controller
Plus 4-Channel 8A Configurable Buck DC/DCs
TheLTC®3372isahighlyflexiblemultioutputpowersupply
IC. The device includes a high-performance, high voltage
(HV) step-down DC/DC switching regulator controller that
drives an all N-channel synchronous power FET stage
from a 4.5V to 60V input.
The LTC3372 also includes four low voltage (LV) synchro-
nous buck regulators that can be programmed by the
C1-C3 pins to share eight 1A integrated power stages in
one of eight possible configurations. Each power stage is
poweredfromindependentinputswhichmaybeconnected
to the HV buck’s VOUT or to other 2.25V to 5.5V supplies.
The CT pin programs timing parameters of the watchdog
timer and LV outputs’ Power-On Reset (RST). Precision
enable thresholds facilitate reliable power-up sequencing.
The LTC3372 is available in a 48-pin 7mm × 7mm
QFN package.
LV Efficiency vs Output Current
APPLICATIONS
n
HV Buck Controller: VIN = 4.5V to 60V, VOUT = 5V/3.3V
n
LV Buck Regulators: VINA-H = 2.25V to 5.5V,
VOUT1-4 ≥ 0.8V
n
8×1A LV Buck Integrated Power Stages, Configurable
as 2, 3 or 4 Output Channels
n
8 Unique Output Configurations (1A to 4A Per Channel)
n
Low Total No-Load Input Supply Current (IQ)
n
15µA HV Controller Only (5VOUT)
n
23μA HV Controller Only (3.3VOUT)
n
33μA HV Controller (3.3VOUT) Plus One LV Regulator
n
9μA Per Additional LV Regulator Channel
n
1MHz to 3MHz Operation (HV Runs at 1/6 Frequency)
n
Programmable or Synchronizable to External Clock
n
Programmable Watchdog and Power-On Reset Delay
n
IC Die Temperature Monitor Output
n
Thermally Enhanced 48-Pin 7mm × 7mm QFN Package
n
Automotive and Industrial Always-On Systems
n
General Purpose Multi-Channel Power Supplies
All registered trademarks and trademarks are the property of their respective owners.
C3
C2 C1 BUCK1 BUCK2 BUCK3 BUCK4
0
0
0
2A
2A
2A
2A
0
0
1
3A
1A
2A
2A
0
1
0
3A
1A
1A
3A
0
1
1
4A
1A
1A
2A
1
0
0
3A
2A
–
3A
1
0
1
4A
–
2A
2A
1
1
0
4A
–
1A
3A
1
1
1
4A
–
–
4A
Low Voltage Buck Regulator Configurations
VINA–H = 3.3V
VOUT = 1.8V
fSW = 2MHz
1A Buck
2A Buck
3A Buck
4A Buck
OUTPUT CURRENT (A)
0.0001
0.001
0.01
0.1
1
4
0
10
20
30
40
50
60
70
80
90
100
3372 TA01b
150µF
×2
47µF
5m
0.1µF
2.2µH
2.2nF
100pF
0.01µF
100k
4.7µF
47µF
×2
8.06k
100k
VIN
WDI
LTC3372
TG
SW
BG
SENSE+
SENSE–
VOUT/EXTVCC
BOOST
PGOOD
ITH
VIN
60V MAX
4.5V MIN
VOUT1
1.0V
2A
TRACK/SS
GND
PLLIN/MODE
CT
VINB
RT
WDO
RUN
VINA
TEMP
RSTB
INTVCC
VOUTPRG
SWA
SWB
FB1
EN1
VOUT
3.3V/5V
3A*
VOUT2
1.2V
2A
VIND
VINC
SWC
SWD
FB2
EN2
VOUT
VOUT
VOUT4
2.5V
2A
VING
VINH
SWH
SWG
FB4
EN4
VOUT3
1.8V
2A
VINE
VINF
SWF
SWE
FB3
EN3
VOUT
VOUT
INTVCC /GND
INTVCC
INTVCC
C1 C2 C3
3372 TA01a
*FULL LOAD IS EQUIVALENT TO SPECIFIED LOAD CURRENT
PLUS THE FULL LOAD INPUT CURRENT FROM VOUT1-4


Similar Part No. - LTC3374

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3374 LINER-LTC3374 Datasheet
345Kb / 24P
8-Channel Parallelable 1A Buck DC/DCs
logo
Analog Devices
LTC3374 AD-LTC3374 Datasheet
1Mb / 24P
Dual 5V, 2A Synchronous Step-Down DC/DCs in 2mm 횞 2mm LQFN
11/19-REV.A
LTC3374 AD-LTC3374 Datasheet
1Mb / 22P
Dual 5V, 2A Synchronous Step-Down DC/DCs in 2mm 횞 2mm LQFN
LTC3374 AD-LTC3374 Datasheet
1Mb / 28P
20V, 4-Channel Buck DC/DC with 8x Configurable 1.5A Power Stages
logo
Linear Technology
LTC3374A LINER-LTC3374A Datasheet
1Mb / 24P
High Accuracy 8-Channel Parallelable 1A Buck DC/DCs
More results

Similar Description - LTC3374

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3859 LINER-LTC3859 Datasheet
598Kb / 40P
Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
LTC3370 LINER-LTC3370_15 Datasheet
974Kb / 24P
4-Channel 8A Configurable Buck DC/DCs
LTC3371 LINER-LTC3371_15 Datasheet
1Mb / 26P
4-Channel 8A Configurable Buck DC/DCs with Watchdog and Power-On Reset
LTC3859 LINER-LTC3859_15 Datasheet
634Kb / 42P
Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
LTC3899 LINER-LTC3899_15 Datasheet
727Kb / 38P
60V Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
LTC3370EUH LINER-LTC3370EUH Datasheet
933Kb / 10P
4-Channel 8A Configurable Buck DC/DCs
LTC3370 LINER-LTC3370 Datasheet
796Kb / 24P
4-Channel 8A Configurable Buck DC/DCs
LTC3371 LINER-LTC3371 Datasheet
1Mb / 26P
4-Channel 8A Configurable Buck DC/DCs with Watchdog and Power-On Reset
LTC3899 LINER-LTC3899 Datasheet
920Kb / 38P
60V Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
LTC7813 LINER-LTC7813 Datasheet
1Mb / 42P
Low IQ, 60V Synchronous BoostBuck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com