Electronic Components Datasheet Search
  English  ▼

X  

LTC3374 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3374
Description  60V Low IQ Buck Controller Plus 4-Channel 8A Configurable Buck DC/DCs
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3374 Datasheet(HTML) 2 Page - Linear Technology

  LTC3374 Datasheet HTML 1Page - Linear Technology LTC3374 Datasheet HTML 2Page - Linear Technology LTC3374 Datasheet HTML 3Page - Linear Technology LTC3374 Datasheet HTML 4Page - Linear Technology LTC3374 Datasheet HTML 5Page - Linear Technology LTC3374 Datasheet HTML 6Page - Linear Technology LTC3374 Datasheet HTML 7Page - Linear Technology LTC3374 Datasheet HTML 8Page - Linear Technology LTC3374 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
LTC3372
2
Rev. A
For more information www.analog.com
TABLE OF CONTENTS
Features............................................................................................................................ 1
Applications ....................................................................................................................... 1
Typical Application ............................................................................................................... 1
Description......................................................................................................................... 1
Absolute Maximum Ratings..................................................................................................... 3
Order Information................................................................................................................. 4
Electrical Characteristics........................................................................................................ 4
Typical Performance Characteristics .......................................................................................... 8
Pin Functions .....................................................................................................................14
Block Diagram....................................................................................................................17
Operation..........................................................................................................................18
Low Voltage Regulators........................................................................................................................................ 20
Applications Information .......................................................................................................23
High Voltage Buck Controller................................................................................................................................ 23
Low Voltage Buck Regulators ............................................................................................................................... 33
Printed Circuit Board PCB Layout Considerations................................................................................................. 35
Typical Applications .............................................................................................................37
Package Description ............................................................................................................42
Revision History .................................................................................................................43
Typical Application ..............................................................................................................44
Related Parts .....................................................................................................................44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com