Electronic Components Datasheet Search
  English  ▼

X  

TH7121 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TH7121
Description  300 to 930MHz FSK/FM/ASK Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TH7121 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TH7121 Datasheet HTML 1Page - List of Unclassifed Manufacturers TH7121 Datasheet HTML 2Page - List of Unclassifed Manufacturers TH7121 Datasheet HTML 3Page - List of Unclassifed Manufacturers TH7121 Datasheet HTML 4Page - List of Unclassifed Manufacturers TH7121 Datasheet HTML 5Page - List of Unclassifed Manufacturers TH7121 Datasheet HTML 6Page - List of Unclassifed Manufacturers TH7121 Datasheet HTML 7Page - List of Unclassifed Manufacturers TH7121 Datasheet HTML 8Page - List of Unclassifed Manufacturers TH7121 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
TH7121
300 to 930MHz
FSK/FM/ASK Transceiver
3901007121
Page 2 of 28
Data Sheet
Rev. 001
Jan. 2002
PR
EL
IM
INA
RY
General Description
The TH7120 is a single chip FSK/FM/ASK transceiver IC. It is designed to operate in low-power multi-channel
programmable or single-channel stand-alone, half-duplex data transmission systems. It can be used for ISM,
SRD or any other application operating in the frequency ranging of 300 MHz to 930 MHz.
The TH7120 transceiver IC consists of the following building blocks:
"
Low-noise amplifier (LNA) for high-sensitivity RF signal reception with switchable gain
"
Mixer (MIX) for RF-to-IF down-conversion
"
IF amplifier (IFA) to amplify and limit the IF signal and for RSSI generation
"
Phase-coincidence demodulator with external ceramic discriminator (FSK Demodulator)
"
Operational amplifier, connected to demodulator output (OA1)
"
Operational amplifier, integrator circuit at FSK-AFC mode (OA2)
"
Control logic with 3wire bus serial control interface (SCI)
"
Reference oscillator (RO) with external crystal
"
Reference divider (R counter)
"
Programmable divider (N/A counter)
"
Phase-frequency detector (PFD)
"
Charge pump (CP)
"
Voltage control oscillator (VCO) with internal varactor
"
Power amplifier (PA) with adjustable output power
The transceiver can be used either as a 3wire-bus-controlled programmable or as a stand-alone fixed-
frequency device. After power up, the transceiver is set to fixed-frequency mode. In this mode, pins
FS0/SDEN and FS1/LD must be connected to VEE or VCC in order to set the desired frequency of operation.
The logic levels at pins FS0/SDEN and FS1/LD must not be changed after power up in order to remain in
fixed-frequency mode.
Channel frequency
433.92 MHz
868.3 MHz
315.0 MHz
915.0 MHz
FS0/SDEN
10
1
0
FS1/LD
00
1
1
After the first logic level change at pin FS0/SDEN, the transceiver enters into programmable mode while pin
FS1/LD is now a PLL lock detector output. In this mode, the user can set any PLL frequency or mode of op-
eration by the SCI.
In the fixed-frequency mode, the user can set the transceiver to Standby, Receive, Transmit or Idle (only PLL
synthesizer active) mode via control pins RE/SCLK and TE/SDTA.
Operation mode
Standby
Receive
Transmit
Idle
RE/SCLK
01
0
1
TE/SDTA
00
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com