Electronic Components Datasheet Search
  English  ▼

X  

TH7121 Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # TH7121
Description  300 to 930MHz FSK/FM/ASK Transceiver
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TH7121 Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button TH7121 Datasheet HTML 20Page - List of Unclassifed Manufacturers TH7121 Datasheet HTML 21Page - List of Unclassifed Manufacturers TH7121 Datasheet HTML 22Page - List of Unclassifed Manufacturers TH7121 Datasheet HTML 23Page - List of Unclassifed Manufacturers TH7121 Datasheet HTML 24Page - List of Unclassifed Manufacturers TH7121 Datasheet HTML 25Page - List of Unclassifed Manufacturers TH7121 Datasheet HTML 26Page - List of Unclassifed Manufacturers TH7121 Datasheet HTML 27Page - List of Unclassifed Manufacturers TH7121 Datasheet HTML 28Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
TH7121
300 to 930MHz
FSK/FM/ASK Transceiver
3901007121
Page 27 of 28
Data Sheet
Rev. 001
Jan. 2002
PR
EL
IM
INA
RY
Package Dimensions
Fig. 7: LQFP32 (Low Quad Flat Package)
All Dimension in mm, coplanaríty < 0.1mm
E1, D1
A
A1
A2
e
b
L
E, D
α
αα
α
min
0.05
1.35
0.30
0.45
0°
7.00
0.8
9.00
max
1.60
0.15
1.45
0.45
0.75
7°
All Dimension in inch, coplanaríty < 0.004”
min
0.002
0.053
0.012
0.018
0°
0.276
0.031
0.354
max
0.630
0.006
0.057
0.018
0.030
7°
A1
A2
A
b
e
1
32
25
17
24
8
9
16
D
D1
E1
E
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com