Electronic Components Datasheet Search
  English  ▼

X  

XRT73L03IV Datasheet(PDF) 49 Page - Exar Corporation

Part # XRT73L03IV
Description  3 CHANNEL E3/DS3/STS-1 LINE INTERFCE UNIT
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT73L03IV Datasheet(HTML) 49 Page - Exar Corporation

Back Button XRT73L03IV Datasheet HTML 45Page - Exar Corporation XRT73L03IV Datasheet HTML 46Page - Exar Corporation XRT73L03IV Datasheet HTML 47Page - Exar Corporation XRT73L03IV Datasheet HTML 48Page - Exar Corporation XRT73L03IV Datasheet HTML 49Page - Exar Corporation XRT73L03IV Datasheet HTML 50Page - Exar Corporation XRT73L03IV Datasheet HTML 51Page - Exar Corporation XRT73L03IV Datasheet HTML 52Page - Exar Corporation XRT73L03IV Datasheet HTML 53Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 62 page
background image
áç
áç
áç
áç
3 CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
XRT73L03
PRELIMINARY
REV. P1.0.13
46
4.0
DIAGNOSTIC FEATURES OF THE XRT73L03
The XRT73L03 supports equipment diagnostic activi-
ties by supporting the following Loop-Back modes in
each channel in the XRT73L03:
• Analog Local Loop-Back.
• Digital Local Loop-Back
• Remote Loop-Back
NOTE: In this data sheet we use the convention that Chan-
nel(n) refers to either channel 1, 2 or 3. Similarly, specific
input and output pins use this convention to denote which
channel it is associated with.
4.1
THE ANALOG LOCAL LOOP-BACK MODE
When a given channel in the XRT73L03 is configured
to operate in the Analog Local Loop-Back Mode, it ig-
nores any signals that are input to its RTIP(n) and
RRing(n) input pins. The Transmitting Terminal
Equipment transmits clock and data into this channel
via the TPData(n), TNData(n) and TxClk(n) input
pins. This data is processed through the Transmit
Clock Duty Cycle Adjust PLL and the HDB3/B3ZS
Encoder. Finally, this data outputs to the line via the
TTIP(n) and TRing(n) output pins. Additionally, this
data loops back into the Attenuator/Receive Equalizer
Block. Consequently, this data is processed through
the entire Receive Section of the channel. After this
post-Loop-Back data has been processed through
the Receive Section it outputs to the Near-End Re-
ceiving Terminal Equipment via the RPOS(n),
RNEG(n) and RxClk(n) output pins.
Figure 29 illustrates the path the data takes in a given
channel of the XRT73L03 when it is configured to op-
erate in the Analog Local Loop-Back Mode.
A given channel in the XRT73L03 can be configured
to operate in the Analog Local Loop-Back Mode by
employing either one of the following two steps:
NOTE: See Table 2 for a description of Command Registers
and Addresses for the different channels.
a. Operating in the HOST Mode
To configure Channel (n) to operate in the Analog Lo-
cal Loop-Back Mode, write a "1" into the LLB(n) bit-
field and a "0" into the RLB(n) bit-field in Command
Register CR4.
FIGURE 29. A CHANNEL IN THE XRT73L03 OPERATING IN THE ANALOG LOCAL LOOP-BACK MODE
AGC/
Equalizer
Peak
Detector
LOS Detector
Slicer
Clock
Recovery
Data
Recovery
Invert
Loop MUX
HDB3/
B3ZS
Decoder
LOSTHR(n)
SDI
SDO
SClk
CS
REGR
RTIP(n)
RRing(n)
REQEN(n)
RxClk(n)
RPOS(n)
RNEG(n)
LCV(n)
ENDECDIS
RLOS(n)
LLB(n)
RLB(n)
TAOS(n)
TPData(n)
TNData(n)
TxClk(n)
Notes: 1.
(n) = 1, 2 or 3 for respective Channels
2. Serial Processor Interface input pins are shared by the three Channels in HOST Mode and redefined in
Hardware Mode.
RLOL(n) EXClk(n)
Device
Monitor
MTIP(n)
MRing(n)
Transmit
Logic
Duty Cycle Adjust
TxLEV(n)
TxOFF(n)
DMO(n)
TTIP(n)
TRing(n)
Pulse
Shaping
HDB3/
B3ZS
Encoder
Serial
Processor
Interface
Analog Local
Loop-Back Path
COMMAND REGISTER CR4-(n)
D4
D3
D2
D1
D0
X
STS-1/DS3_ Ch(n)
E3_ Ch(n)
LLB(n)
RLB(n)
XX
X
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com