Electronic Components Datasheet Search
  English  ▼

X  

SD7136 Datasheet(PDF) 4 Page - SHOUDING Shouding Semiconductor

Part # SD7136
Description  Adjustable LED constant current driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOUDING [SHOUDING Shouding Semiconductor]
Direct Link  http://shouding.net/
Logo SHOUDING - SHOUDING Shouding Semiconductor

SD7136 Datasheet(HTML) 4 Page - SHOUDING Shouding Semiconductor

  SD7136 Datasheet HTML 1Page - SHOUDING Shouding Semiconductor SD7136 Datasheet HTML 2Page - SHOUDING Shouding Semiconductor SD7136 Datasheet HTML 3Page - SHOUDING Shouding Semiconductor SD7136 Datasheet HTML 4Page - SHOUDING Shouding Semiconductor SD7136 Datasheet HTML 5Page - SHOUDING Shouding Semiconductor SD7136 Datasheet HTML 6Page - SHOUDING Shouding Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
绝对最大值范围
参数
符号
描述
值
单位
电压
V
max
VDD, LED, EN, DR CS 脚的最大电压
8
V
V
min-max
LED 脚的电压范围
-0.3~VDD+0.3
V
电流
ILED
max
LED 脚的最大电流
500
mA
功率消耗
P
SOT-89-5
SOT-89-3 封装的最大功率消耗
0.5
W
温度
T
min-max
工作温度范围
-20~85
oC
T
storage
存储温度范围
-40~165
oC
抗静电能力
VESD
ESD 抗静电电压(人体模式)
2000
V
电子特性
参数
符号
测试条件
最小
典型
最大
单 位
t
输出电流
VDD=3.6
10
400
mA
VDD 电压范围
ILED=350mA
2.7
6.0
V
CS 电压
V
CS
50
53
56
mV
输出电流精度
△ILED/ILED
ILED=350mA
-5
5
%
负载调整率
VLED=0.2V to 3V
VDD=3.6V
2
mA/V
线性调整率
VDD=3V to 5.5V
2
mA/V
输入输出电压差
V
DO
100
mV
支持电流
I
DD
250
uA
低压保护隔值
2.3
2.5
2.7
V
可调的 LED
LED
LED
LED 恒流驱动器
SD7136
Shouding
www.shouding.net



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com