Electronic Components Datasheet Search
  English  ▼

X  

SD7136 Datasheet(PDF) 1 Page - SHOUDING Shouding Semiconductor

Part # SD7136
Description  Adjustable LED constant current driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHOUDING [SHOUDING Shouding Semiconductor]
Direct Link  http://shouding.net/
Logo SHOUDING - SHOUDING Shouding Semiconductor

SD7136 Datasheet(HTML) 1 Page - SHOUDING Shouding Semiconductor

  SD7136 Datasheet HTML 1Page - SHOUDING Shouding Semiconductor SD7136 Datasheet HTML 2Page - SHOUDING Shouding Semiconductor SD7136 Datasheet HTML 3Page - SHOUDING Shouding Semiconductor SD7136 Datasheet HTML 4Page - SHOUDING Shouding Semiconductor SD7136 Datasheet HTML 5Page - SHOUDING Shouding Semiconductor SD7136 Datasheet HTML 6Page - SHOUDING Shouding Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
12mA
12mA
SD7136
1
概述
是一款低静态电流、低压差
的
LED 恒流驱动器。使用一个外接电阻,可使输
出电流能在
到 400mA 范围内进行调节;
在 DRV脚外接扩流 MOS 管,输出电流可以扩
大到 3.0A以上。
仅仅需要一个外接电阻就可构成一个完整
的 LED 恒流驱动电路。
内部自带软启动、过热保护、低压保护。
订货信息
特性
� 使用一个外接电阻,电流可从
to
400mA 可调
� 通过外接 NMOS 或 NPN 三极管,电压可扩
展至 400V以上,电流可扩展到 3.0A。
� 电源电压: 2.7-6V
� 可低压差输出: 100mV@350mA
� 极小的静态电流:250uA
� 过热保护
� 软启动
� 低压保护:2.5V
� SOT-89-5 封装
应用
���� LED 照明驱动
方框图
可调的 LED
LED
LED
LED 恒流驱动器
SD7136
Shouding
SD7136
SD7136
www.shouding.net


Similar Part No. - SD7136

ManufacturerPart #DatasheetDescription
logo
CUI Devices
SD7-2-B CUID-SD7-2-B Datasheet
716Kb / 5P
SD 7.0 CARD CONNECTOR
10/26/2023
logo
Extech Instruments Corp...
SD700 EXTECH-SD700 Datasheet
144Kb / 1P
Barometric Pressure/Humidity/Temperature Datalogger
logo
A-Data Technology
SD700 A-DATA-SD700 Datasheet
1Mb / 2P
Quality 3D NAND Flash
logo
List of Unclassifed Man...
SD7005 ETC-SD7005 Datasheet
1Mb / 7P
FAN CONTROLLER
SD7005-C ETC-SD7005-C Datasheet
1Mb / 7P
FAN CONTROLLER
More results

Similar Description - SD7136

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NSI45020JZT1G ONSEMI-NSI45020JZT1G Datasheet
125Kb / 6P
Adjustable Constant Current Regulator & LED Driver
June, 2010 ??Rev. 0
NSI45060DDT4G ONSEMI-NSI45060DDT4G Datasheet
143Kb / 6P
Adjustable Constant Current Regulator & LED Driver
February, 2010 ??Rev. 0
NSI50150ADT4G ONSEMI-NSI50150ADT4G Datasheet
177Kb / 9P
Adjustable Constant Current Regulator & LED Driver
August, 2012 ??Rev. 0
NSI45020JZ ONSEMI-NSI45020JZ_13 Datasheet
177Kb / 8P
Adjustable Constant Current Regulator & LED Driver
July, 2013 ??Rev. 2
NSI50150ADT4G ONSEMI-NSI50150ADT4G_15 Datasheet
165Kb / 10P
Adjustable Constant Current Regulator & LED Driver
March, 2015 ??Rev. 1
NSI45035JZ ONSEMI-NSI45035JZ_13 Datasheet
178Kb / 8P
Adjustable Constant Current Regulator & LED Driver
July, 2013 ??Rev. 2
NSI45060JDT4G ONSEMI-NSI45060JDT4G_14 Datasheet
164Kb / 8P
Adjustable Constant Current Regulator & LED Driver
April, 2014 ??Rev. 3
NSI45090JDT4G ONSEMI-NSI45090JDT4G_14 Datasheet
164Kb / 8P
Adjustable Constant Current Regulator & LED Driver
April, 2014 ??Rev. 3
logo
Shenzhen Huazhimei Semi...
HM7203 HMSEMI-HM7203 Datasheet
1Mb / 7P
LED constant current adjustable driver
HM7136 HMSEMI-HM7136 Datasheet
582Kb / 9P
Adjustable Constant Current LED Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com