Electronic Components Datasheet Search
  English  ▼

X  

HM116 Datasheet(PDF) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM116
Description  Low voltage H-bridge driver chip
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM116 Datasheet(HTML) 1 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM116 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM116 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM116 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM116 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM116 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM116 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
- 1 -
描述
HM116是为5.5V电压下工作的系统
而设计的直流马达驱动或LED线灯
驱动芯片。
HM116内置温度保护功能,当发生
输出短路时, 输出电流瞬间增大,电
路功耗急剧上升,芯片温度急剧升
高,当芯片温度超过内部温度保护
电路设置得最高温度点后,内部电
路关断内置的功率开关管,切断负
载电流。
特性
 可实现多路LED驱动;
 低导通电阻(
0.9Ω)
 实现负载电机正转
/反转/停止/刹
车四个功能
 低待机电流
(typ.0.1uA)
 低静态工作电流(
typ.60uA)
 集成热保护功能
;
SOP8/SOT23-6封装
典型应用
2-3节干电池应用LED线灯
2-3节干电池应用的马达驱动
HM116封装和简单应用电路
订购信息
型号
封装
工作温度
HM116
SOP8
-40~85゜C
HM116
SOT23-6
-40~85゜C
低压
H 桥驱动芯片
HM116


Similar Part No. - HM116

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM1160 HMSEMI-HM1160 Datasheet
275Kb / 4P
Single-cell lithium battery power indicator chip
HM1161 HMSEMI-HM1161 Datasheet
801Kb / 3P
HM1161 IC
HM1162 HMSEMI-HM1162 Datasheet
1Mb / 3P
HM1162 IC
HM1163 HMSEMI-HM1163 Datasheet
1Mb / 4P
HM1163 IC
HM1164 HMSEMI-HM1164 Datasheet
1Mb / 3P
HM1164 6V IC
More results

Similar Description - HM116

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62M2701F TOSHIBA-TD62M2701F Datasheet
201Kb / 4P
LOW SATURATION VOLTAGE H-BRIDGE DRIVER
TD62M2702F TOSHIBA-TD62M2702F Datasheet
206Kb / 4P
LOW SATURATION VOLTAGE H-BRIDGE DRIVER
logo
Texas Instruments
DRV8837 TI1-DRV8837_14 Datasheet
964Kb / 26P
Low-Voltage H-Bridge Driver
DRV8837 TI1-DRV8837_15 Datasheet
958Kb / 24P
Low-Voltage H-Bridge Driver
DRV8837C TI1-DRV8837C Datasheet
358Kb / 21P
1-A Low-Voltage H-Bridge Driver
logo
Unisonic Technologies
MD8837 UTC-MD8837 Datasheet
153Kb / 7P
LOW-VOLTAGE H-BRIDGE DRIVER
PA3138 UTC-PA3138 Datasheet
153Kb / 7P
LOW-VOLTAGE H-BRIDGE DRIVER
logo
Shenzhen Huazhimei Semi...
HM2510 HMSEMI-HM2510 Datasheet
763Kb / 9P
Low voltage dual channel H-bridge driver
HM8837A HMSEMI-HM8837A Datasheet
1Mb / 12P
Low-voltage H-bridge motor driver chip
HM9680H HMSEMI-HM9680H Datasheet
1Mb / 11P
Single channel low voltage H-bridge motor driver chip
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com