Electronic Components Datasheet Search
  English  ▼

X  

HM116 Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM116
Description  Low voltage H-bridge driver chip
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM116 Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM116 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM116 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM116 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM116 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM116 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM116 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
- 2 -
脚位
定义
SOP8封装
NO.
NAME
TYPE
(1)
DESCRIPTION
1
NC
NC
悬空脚
2
INA
I
逻辑
输入INA
3
INB
I
逻辑
输入INB
4
VDD
P
电源输入脚,连接
0.1uF或更大电容在VDD和地之间
5
OUTB
O
输出
OUTB
6
AGND
P
地
7
NC
NC
悬空脚
8
OUTA
O
输出
OUTA
SOT23-6封装
NO.
NAME
TYPE
(1)
DESCRIPTION
1
OUTB
O
输出
OUTB
2
GND
P
地
3
INB
I
逻辑
输入INB
4
INA
I
逻辑
输入INA
5
VDD
P
电源输入脚,连接
0.1uF或更大电容在VDD和地之间
6
OUTA
O
输出
OUTA
低压
H 桥驱动芯片
HM116



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com