Electronic Components Datasheet Search
  English  ▼

X  

RM3272S Datasheet(PDF) 1 Page - Shaanxi Reactor Microelectronics Co., Ltd.

Part # RM3272S
Description  5V/1.5A charger application
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REACTOR [Shaanxi Reactor Microelectronics Co., Ltd.]
Direct Link  http://www.reactor-micro.com
Logo REACTOR - Shaanxi  Reactor  Microelectronics  Co., Ltd.

RM3272S Datasheet(HTML) 1 Page - Shaanxi Reactor Microelectronics Co., Ltd.

  RM3272S Datasheet HTML 1Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM3272S Datasheet HTML 2Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM3272S Datasheet HTML 3Page - Shaanxi  Reactor  Microelectronics  Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RM3272S
5V1.5A 充电器应用方案
陕西亚成微电子股份有限公司
Rev 2016.11
http: // www.reactor-micro.com
产品概述:
RM3272S 是一款高精度的恒压、恒流原边反馈交直流转换控制器。
RM3272S 集成高压功率 MOSFET,适用于高性能、外围电路精简的充电器和适配器。因为芯片工作在
原边检测和控制模式,所以不需要光耦和 TL431。
RM3272S 提供了全面的保护功能,包含 VDD 欠压保护(UVLO)、逐周期电流保护(OCP)、电源过压
保护(OVP)、过温保护(OTP)、短路输出保护(OLP)和 CS 开/短路保护(CS O/SP)等。
RM3272S 采用 SOP-8 封装。
系统规格:5V/1.5A
输入电压
85Vac-265Vac
输出功率
6W
功率管
600V/2A
效率
≥75.5%
恒压精度
≤±5%
待机功耗
<200mW
恒流精度
≤±5%
变压器
EE16
典型应用:
图 1
系统应用原理图
COMP
VDD
DB1
+
INV
F1
1
2
3
4
8
7
5
6
DRAIN
GND
GND
+
DRAIN
CS
Vo+
Vo-
N
L
+
C1
C2
R8
C10
D6
R3
R2
R1
R12
D5
+
C3
R6
R5
R11
R9
R10
C4
D7
C5
U1
D8
R12 C9
C7
+
C8
R16
L1
LF1
T1
CY1


Similar Part No. - RM3272S

ManufacturerPart #DatasheetDescription
logo
Shaanxi Reactor Micro...
RM3272 REACTOR-RM3272 Datasheet
423Kb / 8P
High efficiency and high precision, PSR charger driver chip
Rev.1.0
RM3272D REACTOR-RM3272D Datasheet
269Kb / 3P
12V1A low power adapter application
RM3272D REACTOR-RM3272D Datasheet
728Kb / 3P
5V2A low power adapter application
RM3272D REACTOR-RM3272D Datasheet
423Kb / 8P
High efficiency and high precision, PSR charger driver chip
Rev.1.0
RM3272D REACTOR-RM3272D_1 Datasheet
728Kb / 3P
5V2A low power adapter application
More results

Similar Description - RM3272S

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
CS5086E YONGFUKANG-CS5086E Datasheet
2Mb / 9P
5V USB 1.5A
logo
Shaanxi Reactor Micro...
RM3256S REACTOR-RM3256S Datasheet
600Kb / 3P
5V/1A charger application
RM3257AD REACTOR-RM3257AD Datasheet
261Kb / 3P
5V,2A charger application
RM3257D REACTOR-RM3257D Datasheet
467Kb / 3P
12V/1A charger application
RM3257S REACTOR-RM3257S Datasheet
346Kb / 3P
5V/2.1A charger application
RM5001AS REACTOR-RM5001AS Datasheet
265Kb / 3P
18W Fast Charger Application
RM6311S REACTOR-RM6311S Datasheet
261Kb / 3P
5V/1.5A power adapter application
RM6314D REACTOR-RM6314D Datasheet
279Kb / 3P
12V/1.5A power adapter application
RM3256AS REACTOR-RM3256AS Datasheet
270Kb / 3P
5V1A charger application
RM6334D REACTOR-RM6334D_1 Datasheet
632Kb / 3P
5V/3A charger/adapter application
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com