Electronic Components Datasheet Search
  English  ▼

X  

RM3272S Datasheet(PDF) 2 Page - Shaanxi Reactor Microelectronics Co., Ltd.

Part # RM3272S
Description  5V/1.5A charger application
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REACTOR [Shaanxi Reactor Microelectronics Co., Ltd.]
Direct Link  http://www.reactor-micro.com
Logo REACTOR - Shaanxi  Reactor  Microelectronics  Co., Ltd.

RM3272S Datasheet(HTML) 2 Page - Shaanxi Reactor Microelectronics Co., Ltd.

  RM3272S Datasheet HTML 1Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM3272S Datasheet HTML 2Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM3272S Datasheet HTML 3Page - Shaanxi  Reactor  Microelectronics  Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RM3272S
5V1.5A 充电器应用方案
陕西亚成微电子股份有限公司
Rev 2016.11
http: // www.reactor-micro.com
系统 BOM 清单:
序号
元件名称
规格型号
用量
位号
封装要求
1
慢断电流保险丝
250V,1A
1
F1
DIP
2
贴片电阻器
820KΩ,0.125W,±10%
1
R1
SMD0805
3
贴片电阻器
820KΩ,0.25W,±10%
2
R2 R3
SMD1206
4
贴片电阻器
3.3Ω,0.25W,±1%
2
R5 R6
SMD1206
5
贴片电阻器
100KΩ,0.25W,±1%
1
R8
SMD1206
6
贴片电阻器
5.6KΩ,0.125W,±1%
1
R9
SMD0805
7
贴片电阻器
39KΩ,0.125W,±1%
1
R11
SMD0805
8
贴片电阻器
2.2Ω,0.125W,±1%
1
R12
SMD0805
9
贴片电阻器
820Ω,0.125W,±1%
1
R16
SMD0805
10
电解电容
10μF,400V,±10%
1
C1
DIP
11
电解电容
6.8μF,400V,±10%
1
C2
DIP
12
电解电容
10μF,50V,±10%
1
C3
DIP
13
贴片电容
100nF,100V,X7R,±10%
1
C4
SMD0805
14
贴片电容
47pF,100V,X7R,±10%
1
C5
SMD0805
15
电解电容
680μF,10V,±10%
1
C7
DIPΦ10*16
16
电解电容
100μF,16V,±10%
1
C8
DIPΦ10*16
17
贴片电容
1nF,1KV,X7R,±10%
1
C9
SMD0805
18
涤纶电容
4.7nF,1KV,±5%
1
C10
DIP
19
Y 电容
2.2nF,400V,±20%
1
CY1
DIP
20
二极管
M7,1000V,1A
4
D1 D2 D3 D6
DO-214
21
二极管
IN4007,1000V,1A
1
D4
DO-41
22
二极管
FR107
1
D5
DO-41
23
整流桥
B340AL,3A 40V
1
D8
SMC
24
变压器
EE16,5V,1.5A
1
T1
5*5PIN
25
差模电感
1mH,±10%
1
LF1
DIP
26
差模电感
2.5μH,±10%
1
L1
DIP
27
IC
RM3272S
1
U1
SOP-8
28
PCB
2mm*50mm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com