Electronic Components Datasheet Search
  English  ▼

X  

RM6311S Datasheet(PDF) 1 Page - Shaanxi Reactor Microelectronics Co., Ltd.

Part # RM6311S
Description  5V/1.5A power adapter application
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REACTOR [Shaanxi Reactor Microelectronics Co., Ltd.]
Direct Link  http://www.reactor-micro.com
Logo REACTOR - Shaanxi  Reactor  Microelectronics  Co., Ltd.

RM6311S Datasheet(HTML) 1 Page - Shaanxi Reactor Microelectronics Co., Ltd.

  RM6311S Datasheet HTML 1Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM6311S Datasheet HTML 2Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM6311S Datasheet HTML 3Page - Shaanxi  Reactor  Microelectronics  Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RM6311S
5V1.5A 电源适配器应用方案
陕西亚成微电子股份有限公司
Rev 2016.11
http: // www.reactor-micro.com
产品概述:
RM6311S 是一款高性能的电流控制型 PWM 交直流转换控制器。
RM6311S 在全电压范围内可实现低于 75mW 的系统待机功耗,满足六级能效标准。
为了减少待机功耗和提升轻载效率,RM6311S 最低工作电流可低至 600uA。在轻载时采用突发模式
(Burst mode )控制,有效的消除了变压器音频噪音,并且用减小功率 MOSFET 的开关次数来提高轻
载效率。
RM6311S 同时集成了频率抖动功能,来提升系统的 EMI 特性。芯片还集成了斜坡补偿来加强系统稳
定性,以及高低压输入时的功率补偿,使全电压范围内输出功率恒定。
RM6311S 集成了多种功能和保护特性,包括欠压锁定、VDD 过压保护、过温保护、CS 引脚悬空保护,
过载保护、自动重启保护、逐周期电流限制、前沿消隐等功能。
RM6311S 采用 SOP-8 封装。
系统规格:
5V/1.5A
输入电压
85Vac-265Vac
效率
≥76.7%
功率管
650V/1A
待机功耗
<75mW
恒压精度
≤±3%
变压器
EE16
输出功率
7.5W
典型应用:
图 1
系统应用原理图
GND
CS
VDD
VDD_G
DB1
+
+
Vo+
FB
F1
1
2
3
4
8
7
5 DRAIN
6 DRAIN
GND
N
L
Vo-
T1
C1
+
C2
R4
R5
C3
R3
R2
D1
D2
R16
+
R9
C10
+ R14
L1
C4
R7
R6
C5
U2B
U2A
R10
R11
C7
R13
U3
C9
L2
U1
CY1
D3
C6
R15


Similar Part No. - RM6311S

ManufacturerPart #DatasheetDescription
logo
Shaanxi Reactor Micro...
RM6312D REACTOR-RM6312D Datasheet
874Kb / 3P
12V/1A power adapter application
RM6314AD REACTOR-RM6314AD Datasheet
265Kb / 3P
18W Fast Charger Application
RM6314D REACTOR-RM6314D Datasheet
279Kb / 3P
12V/1.5A power adapter application
More results

Similar Description - RM6311S

ManufacturerPart #DatasheetDescription
logo
Shenzhenshi YONGFUKANG ...
CS5086E YONGFUKANG-CS5086E Datasheet
2Mb / 9P
5V USB 1.5A
logo
Shaanxi Reactor Micro...
RM3272S REACTOR-RM3272S Datasheet
261Kb / 3P
5V/1.5A charger application
RM3602AS REACTOR-RM3602AS Datasheet
243Kb / 3P
5V/2A power adapter application
RM6224D REACTOR-RM6224D Datasheet
221Kb / 3P
5V/2.5A power adapter application
RM6305D REACTOR-RM6305D Datasheet
221Kb / 3P
5V/2.5A power adapter application
RM6314D REACTOR-RM6314D Datasheet
279Kb / 3P
12V/1.5A power adapter application
RM6301T REACTOR-RM6301T Datasheet
219Kb / 3P
5V3A power adapter application
RM6301T REACTOR-RM6301T_1 Datasheet
217Kb / 3P
12V2A power adapter application
RM6334D REACTOR-RM6334D Datasheet
456Kb / 3P
12V1.5A power adapter application
RM6334D REACTOR-RM6334D_1 Datasheet
632Kb / 3P
5V/3A charger/adapter application
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com