Electronic Components Datasheet Search
  English  ▼

X  

RM6311S Datasheet(PDF) 2 Page - Shaanxi Reactor Microelectronics Co., Ltd.

Part # RM6311S
Description  5V/1.5A power adapter application
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REACTOR [Shaanxi Reactor Microelectronics Co., Ltd.]
Direct Link  http://www.reactor-micro.com
Logo REACTOR - Shaanxi  Reactor  Microelectronics  Co., Ltd.

RM6311S Datasheet(HTML) 2 Page - Shaanxi Reactor Microelectronics Co., Ltd.

  RM6311S Datasheet HTML 1Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM6311S Datasheet HTML 2Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM6311S Datasheet HTML 3Page - Shaanxi  Reactor  Microelectronics  Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RM6311S
5V1.5A 电源适配器应用方案
陕西亚成微电子股份有限公司
Rev 2016.11
http: // www.reactor-micro.com
系统 BOM 清单:
序号
元件名称
规格型号
用量
位号
封装要求
1
保险丝
250V,1A
1
F1
DIP
2
贴片电阻
300Ω,0.125W,±5%
1
R2
SMD1206
3
贴片电阻
120KΩ,0.125W,±5%
1
R3
SMD0805
4
贴片电阻
2MΩ,0.125W,±5%
1
R4、R5
SMD0805
5
贴片电阻
3.3Ω, 0. 25W ±5%
2
R6,R7
SMD1206
6
贴片电阻
560Ω,0.125W,±5%
1
R9
SMD0805
7
贴片电阻
4.3KΩ, 0. 125W ±5%
1
R10
SMD0805
8
贴片电阻
3.9KΩ, 0. 125W ±5%
1
R11
SMD0805
9
贴片电阻
2.7KΩ,0.125W,±5%
1
R13
SMD0805
10
贴片电阻
47KΩ,0.125W,±5%
1
R14
SMD1206
11
贴片电阻
10Ω, 0.125W,±5%
1
R15
SMD0805
12
贴片电阻
100Ω,0.125W,±5%
1
R16
SMD1206
13
电解电容
6.8μF,400V,±10%
1
C1
DIPΦ5mm×11mm
14
电解电容
10μF,400V,±10%
1
C2
DIP
15
涤纶电容
2.2nF,1KV,±10%
1
C3
DIP
16
电解电容
6.8μF,50V,±10%
1
C4
DIPΦ5*11mm
17
贴片电容
10nF,50V,±10%
1
C5
SMD0805
18
贴片电容
1nF,1KV,±10%
1
C6
SMD1206
19
贴片电容
100nF,50V,±10%
1
C7
SMD0805
20
电解电容
470μF,6.3V,±10%
1
C9
DIPΦ8mm×12mm
21
电解电容
820μF,6.3V,±10%
1
C10
DIPΦ8mm×8mm
22
Y 电容
2.2nF, 400V,±20%
1
CY1
DIP
23
二极管
1N4007,1KV,1A
1
D1
DO-41
24
二极管
A7,1KV,1A
1
D2
SOD-123



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com