Electronic Components Datasheet Search
  English  ▼

X  

GD25Q256DFIS Datasheet(PDF) 49 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q256DFIS
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q256DFIS Datasheet(HTML) 49 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q256DFIS Datasheet HTML 45Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIS Datasheet HTML 46Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIS Datasheet HTML 47Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIS Datasheet HTML 48Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIS Datasheet HTML 49Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIS Datasheet HTML 50Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIS Datasheet HTML 51Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIS Datasheet HTML 52Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIS Datasheet HTML 53Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 89 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25Q256D
49
7.22.
Read Unique ID (4BH)
The Read Unique ID command accesses a factory-set read-only 128bit number that is unique to each device. The
Unique ID can be used in conjunction with user software methods to help prevent copying or cloning of a system.
The Read Unique ID command sequence in 3 Byte mode (ADS=0): CS# goes low  sending Read Unique ID
command Dummy Byte1 Dummy Byte2 Dummy Byte3 Dummy Byte4128bit Unique ID Out CS# goes high.
The Read Unique ID command sequence in 4 Byte mode (ADS=0): CS# goes low  sending Read Unique ID
command Dummy Byte1 Dummy Byte2 Dummy Byte3 Dummy Byte4 Dummy Byte5128bit Unique ID Out
CS# goes high.
Figure 54. Read Unique ID Sequence Diagram (ADS=0)
Command
0 1 2 3 4 5 6 7
4BH
CS#
SCLK
SI
SO
High-Z
8 9 10
3 2 1 0
7 6 5
4-Byte Dummy
MSB
6 5 4 3 2 1 0
Data Out1
7
6 5
7
Data Out2
CS#
SCLK
SI
SO
MSB
42 43 44 45
41
46 47
40
36 37 38 39
Figure 55. Read Unique ID Sequence Diagram (ADS=1)
Command
0 1 2 3 4 5 6 7
4BH
CS#
SCLK
SI
SO
High-Z
8 9 10
44 45 46 47
3 2 1 0
7 6 5
5-Byte Dummy
MSB
6 5 4 3 2 1 0
Data Out1
50 51 52 53
49
54 55
48
7
6 5
7
Data Out2
CS#
SCLK
SI
SO
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com