Electronic Components Datasheet Search
  English  ▼

X  

GD25Q256DFIS Datasheet(PDF) 56 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD25Q256DFIS
Description  3.3V Uniform Sector Dual and Quad Serial Flash
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD25Q256DFIS Datasheet(HTML) 56 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD25Q256DFIS Datasheet HTML 52Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIS Datasheet HTML 53Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIS Datasheet HTML 54Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIS Datasheet HTML 55Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIS Datasheet HTML 56Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIS Datasheet HTML 57Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIS Datasheet HTML 58Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIS Datasheet HTML 59Page - GigaDevice Semiconductor (Beijing) Inc. GD25Q256DFIS Datasheet HTML 60Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 89 page
background image
3.3V Uniform Sector
Dual and Quad Serial Flash
GD25Q256D
56
7.31. Program/Erase Suspend (PES) (75H)
The Program/Erase Suspend command
“75H”, allows the system to interrupt a page program or sector/block erase
operation and then read data from any other sector or block. The Write Status Register command (01H/31H/11H) and
Erase/Program Security Registers command (44H,42H) and Erase commands (20H, 52H, D8H, C7H, 60H) and Page
Program command (02H/32H) are not allowed during Program suspend. The Write Status Register command
(01H/31H/11H) and Erase Security Registers command (44H) and Erase commands (20H, 52H, D8H, C7H, 60H) are not
allowed during Erase suspend. Program/Erase Suspend is valid only during the page program or sector/block erase
operation. A maximum of
time of “tsus” (See AC Characteristics) is required to suspend the program/erase operation.
Table 17. Commands Allowed During Program or Erase Suspend
Command Name
Code
(Hex)
Allowed
During
Erase
Suspend
Allowed
During
Program
Suspend
Comment
Write Enable
06
Yes
Required for program command within erase suspend.
Read Status Register-1 05
Yes
Yes
Needed to read WIP to determine end of suspend process.
Read Status Register-2 35
Yes
Yes
Needed to read suspend status to determine whether the operation
is suspended or complete.
Read Status Register-3 15
Yes
Yes
Needed to read suspend status to determine whether the operation
is suspended or complete.
Read Extended Addr.
Register
C8
Yes
Yes
Extended Addr. Register may need to be changed during a
suspend to reach a sector needed for read or program.
Write Extended Addr.
Register
C5
Yes
Yes
Extended Addr. Register may need to be changed during a
suspend to reach a sector needed for read or program.
Read
03
Yes
Yes
All array reads allowed in suspend.
4Read
13
Yes
Yes
All array reads allowed in suspend.
Fast Read
0B
Yes
Yes
All array reads allowed in suspend.
4Fast Read
0C
Yes
Yes
All array reads allowed in suspend.
Dual I/O Fast Read
BB
Yes
Yes
All array reads allowed in suspend.
4Dual I/O Fast Read
BC
Yes
Yes
All array reads allowed in suspend.
Dual Output Fast Read 3B
Yes
Yes
All array reads allowed in suspend.
4Dual Output Fast Read 3C
Yes
Yes
All array reads allowed in suspend.
Quad I/O Fast Read
EB
Yes
Yes
All array reads allowed in suspend.
4Quad I/O Fast Read
EC
Yes
Yes
All array reads allowed in suspend.
Quad Output Fast Read 6B
Yes
Yes
All array reads allowed in suspend.
4Quad Output Fast
Read
6C
Yes
Yes
All array reads allowed in suspend.
Page Program
02
Yes
Required for array program during erase suspend.
4Page Program
12
Yes
Required for array program during erase suspend.
Quad Page Program
32
Yes
Required for array program during erase suspend.
4Quad Page Program
34
Yes
Required for array program during erase suspend.
Program/Erase Resume 7A
Yes
Required to resume from erase/program suspend.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com