Electronic Components Datasheet Search
  English  ▼

X  

HM3133 Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM3133
Description  Output voltage adjustable from 5V to 30V
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM3133 Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM3133 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3133 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3133 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3133 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3133 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3133 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3133 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3133 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
封装及管脚分配
管脚定义
管脚号
管脚名
描述
1
VIN
内置
MOS 漏极,接输入电源
2
VDD
芯片电源
3
FB1
输出反馈电压正端采样
4
FB2
输出反馈电压负端采样
5
VCC
内部
5V LDO 输出,接电容。
6
GND
芯片地
7
VSEN
电感电流检测脚
8
VSEND
内置
MOS 源极
-
散热片
内置接
VIN 脚
HM3133



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com