Electronic Components Datasheet Search
  English  ▼

X  

HM3133 Datasheet(PDF) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM3133
Description  Output voltage adjustable from 5V to 30V
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM3133 Datasheet(HTML) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM3133 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3133 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3133 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3133 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3133 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3133 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3133 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM3133 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
内部电路方框图
极限参数
(注 1)
符 号
描述
参数范围
单位
VIN
VIN 端最大电压
150
V
VDD
VDD 端最大电压
33
V
Vmax
FB1,FB2,VCC,VSEN,VSEND
脚电压
-0.3~6
V
PESOP8
ESOP8 封装最大功耗
1
W
TA
工作温度范围
-20~85
oC
TSTG
存储温度范围
-40~120
oC
TSD
焊接温度范围(时间小于
30 秒)
240
oC
VESD
静电耐压值(人体模型)
2000
V
注
1:极限参数是指超过上表中规定的工作范围可能会导致器件损坏。而工作在以上极限条件下可能会影响器
件的可靠性。



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com