Electronic Components Datasheet Search
  English  ▼

X  

60R070 Datasheet(PDF) 2 Page - KIA Semiconductor Technology

Part # 60R070
Description  47A竊?00V N-CHANNEL MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KIA [KIA Semiconductor Technology]
Direct Link  http://en.kiaic.com/
Logo KIA - KIA Semiconductor Technology

60R070 Datasheet(HTML) 2 Page - KIA Semiconductor Technology

  60R070 Datasheet HTML 1Page - KIA Semiconductor Technology 60R070 Datasheet HTML 2Page - KIA Semiconductor Technology 60R070 Datasheet HTML 3Page - KIA Semiconductor Technology 60R070 Datasheet HTML 4Page - KIA Semiconductor Technology 60R070 Datasheet HTML 5Page - KIA Semiconductor Technology 60R070 Datasheet HTML 6Page - KIA Semiconductor Technology 60R070 Datasheet HTML 7Page - KIA Semiconductor Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
47A,600V
N-CHANNEL MOSFET
KIA
SEMICONDUCTORS
60R070
KIA
SEMICONDUCTORS
KIA
SEMICONDUCTORS
4. Absolute maximum ratings
(TC= 25
ºC , unless otherwise specified)
Parameter
Symbol
Ratings
Units
Drain-source voltage
VDSS
600
V
Gate-source voltage
VGSS
±30
V
Drain currenet continuous
Tc=25°C
ID
47
A
Tc=100
°C
29
A
Drain current pulsed (note1)
IDM
140
A
Avalanche energy
Repetitive (note1)
EAR
1.72
mJ
Single pulse (note2)
EAS
1135
mJ
Avalanche cyrrent
(note1)
IAR
9.3
A
Peak diode recovery dv/dt (note3)
dv/dt
50
V/ns
Total power dissipation
Tc=25°C
PD
391
W
Derate above 25
°C
3.13
W/
°C
Operating and storage temperature range
TJ,TSTG
-55~+150
°C
Maximum lead temperature for soldering purposes,
1/8
”from case for 5 seconds
TL
300
°C
* Drain current limited by maximum junction temperature
5. Thermal characteristics
Parameter
Symbol
Rating
Unit
Thermal resistance, Junction-ambient
RthJA
62
ºC/W
Thermal resistance, case-to-sink typ.
RthJS
0.5
ºC/W
Thermal resistance, Junction-case
RthJC
0.32
ºC/W
2 of7
Rev 1.0 JUL. 2016



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com