Electronic Components Datasheet Search
  English  ▼

X  

60R070 Datasheet(PDF) 3 Page - KIA Semiconductor Technology

Part # 60R070
Description  47A竊?00V N-CHANNEL MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KIA [KIA Semiconductor Technology]
Direct Link  http://en.kiaic.com/
Logo KIA - KIA Semiconductor Technology

60R070 Datasheet(HTML) 3 Page - KIA Semiconductor Technology

  60R070 Datasheet HTML 1Page - KIA Semiconductor Technology 60R070 Datasheet HTML 2Page - KIA Semiconductor Technology 60R070 Datasheet HTML 3Page - KIA Semiconductor Technology 60R070 Datasheet HTML 4Page - KIA Semiconductor Technology 60R070 Datasheet HTML 5Page - KIA Semiconductor Technology 60R070 Datasheet HTML 6Page - KIA Semiconductor Technology 60R070 Datasheet HTML 7Page - KIA Semiconductor Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
47A,600V
N-CHANNEL MOSFET
KIA
SEMICONDUCTORS
60R070
KIA
SEMICONDUCTORS
KIA
SEMICONDUCTORS
6. Electrical characteristics
(TJ=25°C,unless otherwise noted)
Note:1. Repetitive rating : pulse width limited by maximum junction temperature
2. L= 25mH,IAS= 9.3A,VDD=50V,RG=25
Ω,startingTJ=25°C
3.ISD
≤ID, di/dt≤200A/μs,VDD≤BVDSS, startingTJ=25°C
4. Pulse test: pulse width
≤300μs, duty cycle≤2%
5. Essentially independent of operating temperature
3 of7
Rev 1.0 JUL. 2016
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Off characteristics
Drain-source
breakdown voltage
TJ=25℃
BVDSS
VGS=0V,ID=250μA,
600
-
-
V
TJ=150℃
-
650
-
V
Drain-source leakage current
IDSS
VDS=600V,VGS=0V
-
-
1
μA
VDS=480V,TC=125℃
-
10
-
μA
Gate-body leakage
current
Forward
IGSS
VGS=30V,VDS=0V
-
-
100
nA
Reverse
VGS=-30V,VDS=0V
-
-
-100
nA
Breakdown voltage temperature
coefficient
△BVDSS/△TJ
ID=250μA,
referenced to 25℃
-
0.6
-
V/
°C
On characteristics
Gate threshold voltage
VGS(TH)
VDS=VGS,ID=250μA
2.5
3.5
4.5
V
Static drain-source on-resistance
RDS(ON)
VGS=10V,ID=23.5A
-
60
70
m
Ω
Dynamic characteristics
Input capacitance
CISS
VDS=25V,VGS=0V,
f=1MHZ
-
3100
-
pF
Output capacitance
COSS
-
750
-
pF
Reverse transfer capacitance
CRSS
-
10
-
pF
Switching characteristics
Turn-on delay time
tD(ON)
VDD=480V,ID=23.5A,
RG=20
Ω
-
16
-
ns
Rise time
tR
-
12
-
ns
Turn-off delay time
tD(OFF)
-
83
-
ns
Fall time
tF
-
5
-
ns
Total gate charge
QG
VDS=480V,ID=23.5A,
VGS=10V
-
170
-
nC
Gate-source charge
QGS
-
21
-
nC
Gate-drain charge
QGD
-
87
-
nC
Drain-source diode characteristics
Drain-source diode forward voltage
VSD
VGS=0V,ISD=23.50A
-
-
1.5
V
Continuous drain-source current
IS
-
-
47
A
Pulsed drain-source current
ISM
-
-
140
A
Reverse recovery time
tRR
VGS=0V,IS=23.5A,
dlF/dt=100A/μs
-
720
-
ns
Reverse recovery charge
QRR
-
19
-
μC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com