Electronic Components Datasheet Search
  English  ▼

X  

65R950 Datasheet(PDF) 3 Page - KIA Semiconductor Technology

Part # 65R950
Description  5A竊?50V N-CHANNEL MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KIA [KIA Semiconductor Technology]
Direct Link  http://en.kiaic.com/
Logo KIA - KIA Semiconductor Technology

65R950 Datasheet(HTML) 3 Page - KIA Semiconductor Technology

  65R950 Datasheet HTML 1Page - KIA Semiconductor Technology 65R950 Datasheet HTML 2Page - KIA Semiconductor Technology 65R950 Datasheet HTML 3Page - KIA Semiconductor Technology 65R950 Datasheet HTML 4Page - KIA Semiconductor Technology 65R950 Datasheet HTML 5Page - KIA Semiconductor Technology 65R950 Datasheet HTML 6Page - KIA Semiconductor Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
5A,650V
N-CHANNEL MOSFET
KIA
SEMICONDUCTORS
65R950
KIA
SEMICONDUCTORS
KIA
SEMICONDUCTORS
6. Electrical characteristics
(TC=25°C,unless otherwise noted)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Off characteristics
Drain-source
breakdown
voltage
TJ=25ºC
BVDSS
VGS=0V,ID=250μA
650
-
-
V
TJ=125ºC
VGS=0V,ID=250μA
-
700
-
V
Zero gate voltage drain current
IDSS
VDS=650V ,VGS=0V
-
-
1
μA
VDS=480V ,TC=125ºC
-
-
10
μA
Gate-body leakage current
Forward
IGSS
VGS=30V,VDS=0V
-
-
100
nA
Reverse
VGS=-30V,VDS=0V
-
-
-100
nA
Breakdown voltage temperature coefficient
△BVDSS/△TJ
ID=250
μA,referenced
to 25
°C
-
0.6
-
V/
°
C
On characteristics
Gate threshold voltage
VGS(th)
VDS=VGS,ID=250μA
2.5
-
4.5
V
Static drain-source on-resistance
RDS(on)
VGS=10V,ID=2.5A
-
0.85
0.95
Ω
Forward transconductance
gFS
VDS=40V,ID=2.5A
(note4)
-
8
-
S
Gate resistance
Rg
F=1.0MHZ, Open drain
-
3.5
-
Ω
Dynamic characteristics
Input capacitance
Ciss
VDS=25V,VGS=0V,
f=1MHz
-
320
-
pF
Output capacitance
Coss
-
75
-
pF
Reverse transfer capacitance
Crss
-
4
-
pF
Switching characteristics
Turn-on delay time
td(on)
VDD=400V,ID=2.5A,
RG=20
Ω (note4,5)
-
18
-
ns
Rise time
tr
-
40
-
ns
Turn-off delay time
td(off)
-
50
-
ns
Fall time
tf
-
30
-
ns
Total gate charge
Qg
VDS=480V,ID=5A,
VGS=10V (note4,5)
-
15
-
nC
Gate-source charge
Qgs
-
3
-
nC
Gate-drain charge
Qgd
-
6
-
nC
Drain-source diode characteristics and maximum ratings
Drain-source diode forward voltage
VSD
VGS=0V,ISD=5A
-
-
1.5
V
Continuous drain-source current
IS
-
-
5
A
Pulsed drain-source current
ISM
-
-
16
A
Reverse recovery time
trr
VGS=0V,ISD=5A
dlF/dt=100A/μs
(note4)
-
180
-
ns
Reverse recovery charge
Qrr
-
2.5
-
μC
Note:1. repetitive rating: pulse width limited by maximum junction temperature
2. L=60mH,IAS=1.5A,VDD=150V ,staringTJ=25ºC
3.ISD<4.5A,di/dt<200A/μs,VDD<BVDSS, staringTJ=25 ºC
4. Pulse test: pulse width<300
μs, duty cycle<2%
5. Essentially independent of operating temperature typical characteristics.
3 of6
Rev 1.0 Jun 2015



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com