Electronic Components Datasheet Search
  English  ▼

X  

75NF75 Datasheet(PDF) 3 Page - KIA Semiconductor Technology

Part # 75NF75
Description  80A竊?0V N-CHANNEL MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KIA [KIA Semiconductor Technology]
Direct Link  http://en.kiaic.com/
Logo KIA - KIA Semiconductor Technology

75NF75 Datasheet(HTML) 3 Page - KIA Semiconductor Technology

  75NF75 Datasheet HTML 1Page - KIA Semiconductor Technology 75NF75 Datasheet HTML 2Page - KIA Semiconductor Technology 75NF75 Datasheet HTML 3Page - KIA Semiconductor Technology 75NF75 Datasheet HTML 4Page - KIA Semiconductor Technology 75NF75 Datasheet HTML 5Page - KIA Semiconductor Technology 75NF75 Datasheet HTML 6Page - KIA Semiconductor Technology 75NF75 Datasheet HTML 7Page - KIA Semiconductor Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
80A,80V
N-CHANNEL MOSFET
KIA
SEMICONDUCTORS
75NF75
KIA
SEMICONDUCTORS
KIA
SEMICONDUCTORS
6. Electrical characteristics
(TA=25
°C,unless otherwise noted)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Static characteristics
Drain-source breakdown voltage
BVDSS
VGS=0V,IDS=250μA
80
-
-
V
Zero gate voltage drain current
IDSS
VDS=64V,VGS=0V
-
-
1
μA
TJ=125
ºC
-
-
100
Gate threshold voltage
VGS(th)
VDS=VGS,IDS=250μA
2
3
4
V
Gate leakage current
IGSS
VGS=+25V,VDS=0V
-
-
+100
nA
Drain-source on-state resistance
RDS(on)1
VGS=10V,IDS=40A
-
7
9
m
Ω
Diode characteristics
Diode forward voltage
VSD1
ISD=40A,VGS=0V
-
-
1.3
V
Diode continuous forward current
IS3
-
-
80
A
Reverse recovery time
trr
IF=40A,dl/dt=100A/μs
-
25
-
nS
Reverse recovery charge
Qrr
-
18.5
-
nC
Dynamic characteristics 2
Gate resistance
RG
VGS=0V,VDS=0V,F=1MHz
-
1.3
-
Ω
Input capacitance
Ciss
VGS=0V,VDS=25V,
F=1.0MHz
-
3110
-
pF
Output capacitance
Coss
-
445
-
Reverse transfer capacitance
Crss
-
270
-
Turn-on delay time
td(ON)
VDD=37.5V,ID=40A,
VGS=10V,RG=6.8Ω
-
20.4
-
nS
Turn-on rise time
tr
-
63
-
Turn-off delay time
td(OFF)
67
-
Turn-off fall time
tf
-
43
-
Gate charge characteristics 2
Total gate charge
Qg
VDS=37.5V,VGS=10V,
ID=40A,
-
76
-
nC
Gate-source charge
Qgs
-
9.5
-
Gate-drain charge
Qgd
-
40
-
Note:1. Pulse test; pulse width
≤300μs, duty cycle ≤2%.
2.Guaranteed by design,not subject to production testing.
3.Package limitation current is 50A. Calculated continuous current based on maximum allowable
junction temperature.
4.Repetitive rating, pulse width limited by max junction temperature.
5.StartingTJ=25 ºC, L=1mH,IAS=40A.
3 of7
Rev 1.1 JAN 2014



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com