Electronic Components Datasheet Search
  English  ▼

X  

75NF75 Datasheet(PDF) 1 Page - KIA Semiconductor Technology

Part # 75NF75
Description  80A竊?0V N-CHANNEL MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KIA [KIA Semiconductor Technology]
Direct Link  http://en.kiaic.com/
Logo KIA - KIA Semiconductor Technology

75NF75 Datasheet(HTML) 1 Page - KIA Semiconductor Technology

  75NF75 Datasheet HTML 1Page - KIA Semiconductor Technology 75NF75 Datasheet HTML 2Page - KIA Semiconductor Technology 75NF75 Datasheet HTML 3Page - KIA Semiconductor Technology 75NF75 Datasheet HTML 4Page - KIA Semiconductor Technology 75NF75 Datasheet HTML 5Page - KIA Semiconductor Technology 75NF75 Datasheet HTML 6Page - KIA Semiconductor Technology 75NF75 Datasheet HTML 7Page - KIA Semiconductor Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
80A,80V
N-CHANNEL MOSFET
KIA
SEMICONDUCTORS
75NF75
KIA
SEMICONDUCTORS
KIA
SEMICONDUCTORS
1. Features
n
RDS(ON)=7mΩ@VGS=10V
n
Lead free and green device available
n
Low Rds-on to minimize conductive loss
n
High avalanche current
2. Applications
n
Power supply
n
DC-DC converters
3. Pin configuration
1 of7
Rev 1.1 JAN 2014
Pin
Function
1
Gate
2
Drain
3
Source
4
Drain


Similar Part No. - 75NF75

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
75NF75 ESTEK-75NF75 Datasheet
231Kb / 2P
HEXFET짰 POWER MOSFET
logo
Inchange Semiconductor ...
75NF75 ISC-75NF75 Datasheet
111Kb / 2P
Drain Current ?밒D= 80A@ TC=25C
More results

Similar Description - 75NF75

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
30N03B KIA-30N03B Datasheet
235Kb / 5P
30A竊?0V N-CHANNEL MOSFET
50N06B KIA-50N06B Datasheet
399Kb / 6P
50A,60V N-CHANNEL MOSFET
Rev 1.1 JAN 2014
2300 KIA-2300 Datasheet
311Kb / 5P
6.0A竊?0V N-CHANNEL MOSFET
2806A KIA-2806A Datasheet
545Kb / 24P
160A竊?0V N-CHANNEL MOSFET
3205S KIA-3205S Datasheet
486Kb / 6P
130A竊?0V N-CHANNEL MOSFET
3308A KIA-3308A Datasheet
478Kb / 7P
80A竊?0V N-CHANNEL MOSFET
3402 KIA-3402 Datasheet
121Kb / 5P
4.0A竊?0V N-CHANNEL MOSFET
KNX1906B KIA-KNX1906B Datasheet
205Kb / 5P
230A竊?0V N-CHANNEL MOSFET
KNX3403A KIA-KNX3403A Datasheet
226Kb / 7P
85A竊?0V N-CHANNEL MOSFET
KNX8103A KIA-KNX8103A Datasheet
235Kb / 5P
30A竊?0V N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com