Electronic Components Datasheet Search
  English  ▼

X  

HM4033 Datasheet(PDF) 8 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM4033
Description  PFM Step-up Battery Charger Controller IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM4033 Datasheet(HTML) 8 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM4033 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4033 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4033 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4033 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4033 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4033 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4033 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4033 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4033 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Figure 4
Charging Status Indication
Where,
HM4033 DRV is HM4033’s DRV pin, VIN is the charger’s input voltage. LED1 is for charging status
indication, LED2 is for termination indication. R1 and R2 are the LED current limit resistors.
Design Procedure
The following procedure should be followed to design
HM4033’s application circuit:
(
1)Decide charge current based on the battery capacity and charge time
(
2)Estimate average inductor current based on input voltage, battery voltage and charge current
(
3)Decide RCS based on average inductor current
(
4)Determine the inductor value based on the switching frequency
(
5)Design resistor divider formed by R1 and R2 for battery voltage feedback
(
6)Calculate capacitance of C3
PCB Considerations
Careful PCB layout is critical to achieve low switching losses and stable operation.
Use a multilayer board whenever possible for better noise immunity.
The negative terminals of input bypass capacitor and output capacitor should be as close as possible to the
source of N-channel MOSFET
The analog ground should be separated with power ground plane.
To ensure low EMI, the copper plane for diode, N-channel MOSFET, inductor, input capacitor and output
capacitor should be as small as possible,
The current sense resistor RCS should be placed closely to input bypassing capacitors.
HM4033



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com