Electronic Components Datasheet Search
  English  ▼

X  

HM4033 Datasheet(PDF) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM4033
Description  PFM Step-up Battery Charger Controller IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM4033 Datasheet(HTML) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM4033 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4033 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4033 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4033 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4033 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4033 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4033 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4033 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4033 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Ordering Information:
Part No.
Package Type
Pack
Operating Temperature Range
OT23-6
Tape and Reel, 3000/Reel
40℃ to 85℃
Pin Description
No.
Name
Description
1
CSN
Negative Input of Inductor Current Sense. A current sense resistor RCS
between VIN and CSN is needed to sense the inductor current. In normal
operation, (VIN-CSN) is between 120mV and 150mV(Typical).
2
FB
Battery Voltage Feedback Input. Generally, FB pin should be connected to
an external resistor divider to monitor the battery voltage. When the voltage at
FB pin rises to 1.205V (Typical), the
HM4033 enters termination mode, and
enters charge mode again if the voltage at FB pin falls below 1.155V(Typical).
3
VIN
The Positive Terminal of Input Supply. In addition to powering the internal
circuits, VIN pin also serves as the positive terminal of inductor current sense.
4
VCC
+5V Regulator Output. Connect a 4.7uF or 10uF capacitor from VCC to
GND, the maximum output current is 5mA.
5
DRV
Gate Drive Output for External MOSFET. Connect to the gate of an
external N-channel MOSFET.
6
GND
Ground(GND).
ABSOLUTE MAXIMUM RATINGS
VIN ,CSN to GND…………….……-0.3V to 30V
Maximum Junction Temperature........………...150℃
VCC to GND………………….……-0.3V to 6.5V
Operating Temperature Range...........-40℃ to 85℃
CSN to VIN………………...………-0.3V to 0.3V
Storage Temperature Range.…........-65℃ to 150℃
FB,DRV……………………..….. -0.3V to VCC
Lead Temperature(Soldering,10S)…...…….....260℃
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. These are stress ratings only, and functional operation of the device at these or any other
conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure
to absolute maximum rating conditions for extended periods may affect device reliability.
HM4033



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com