Electronic Components Datasheet Search
  English  ▼

X  

HM4039 Datasheet(PDF) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM4039
Description  5V input two-cell lithium battery boost charging circuit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM4039 Datasheet(HTML) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM4039 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4039 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4039 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4039 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4039 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4039 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4039 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4039 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4039 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
_____________________________________________________ 顶视引脚图
______________________________________________________ 引脚说明
NTC(引脚 1):电池温度监测,当电压处于 VIN 的 25%~75%区间时,芯片正常充电。
VIN(引脚 2):电源输入端,内部集成有欠压及过压保护功能。
BST(引脚 3):自举,在该脚与 LX 脚之间接一个 0.1uF 的电容,用来给内部功率 MOS 提供驱动能力。
PGND(引脚 4):功率地。
LX(引脚 5、6):开关端,外接电感。
VSYS(引脚 7、8):升压输出端,至少接一个 10uF 的电容到地。
BAT(引脚 9):电池端,接电池正极。
ILIM(引脚 10):输入 VIN 电流限制端,有接高、接地、悬空三种状态,可设置允许 VIN 压最大降低值。
ISET(引脚 11):充电电流设置,设置算式是 ICHG = (1V / RISET) * 10000。
TM(引脚 12):充电时间限制设定端。
NCHRG(引脚 13):充电指示端,通过发光二极管来指示充电状态,充电时灯亮,充饱时灯灭,充电异
常时以约
1Hz 频率闪烁。
NSTDBY(引脚 14):充饱指示端,通过发光二极管来指示充饱状态,电池充饱时灯亮,其它状态灯灭。
SGND(引脚 15):信号地。
EN(引脚 16):使能端,高有效。
图
3.
HM4039 引脚封装图
5V
输入两节锂电池升压充电电路
HM4039



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com