Electronic Components Datasheet Search
  English  ▼

X  

HM4086 Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM4086
Description  1 amp lithium titanate battery charge management IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM4086 Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM4086 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4086 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4086 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4086 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4086 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4086 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4086 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4086 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM4086 Datasheet HTML 9Page - Shenzhen Huazhimei Semiconductor Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
典型应用电路:
图
1 典型应用电路
在图
1 中,电池正极的恒压充电电压为:
Vbat = 2.75+3.61×10
-6×Rx
如果
CELL管脚为低电平,或者:
Vbat = 5.5+3.61×10
-6×Rx
如果
CELL管脚为高电平
其中,Vbat的单位是伏特
Rx 的单位是欧姆
注:当使用外部电阻调整恒压充电电压时,由于芯片内部和外部的温度不一致及芯片生产工艺偏差等原
因,可能导致恒压充电电压的精度变差和温度系数变大。
订购信息
型号
封装形式
包装
工作温度范围
HM4086
SOP8/PP
编带,盘装,
2500/盘
-
40℃ 到 +85℃
HM4086
HM4086



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com