Electronic Components Datasheet Search
  English  ▼

X  

830S Datasheet(PDF) 2 Page - KIA Semiconductor Technology

Part # 830S
Description  5A竊?50V N-CHANNEL MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KIA [KIA Semiconductor Technology]
Direct Link  http://en.kiaic.com/
Logo KIA - KIA Semiconductor Technology

830S Datasheet(HTML) 2 Page - KIA Semiconductor Technology

  830S Datasheet HTML 1Page - KIA Semiconductor Technology 830S Datasheet HTML 2Page - KIA Semiconductor Technology 830S Datasheet HTML 3Page - KIA Semiconductor Technology 830S Datasheet HTML 4Page - KIA Semiconductor Technology 830S Datasheet HTML 5Page - KIA Semiconductor Technology 830S Datasheet HTML 6Page - KIA Semiconductor Technology 830S Datasheet HTML 7Page - KIA Semiconductor Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
5A,550V
N-CHANNEL MOSFET
KIA
SEMICONDUCTORS
830S
KIA
SEMICONDUCTORS
KIA
SEMICONDUCTORS
4. Absolute maximum ratings
Parameter
Symbol
Rating
Units
Drain-source voltage
VDSS
550
V
Continuous drain currentTC=25 ºC
ID
5.0
A
Continuous drain currentTC=100 ºC
3.0
A
Pulsed drain current,VGS@10V
(note1)
IDM
20
A
Power dissipation(Tc=25℃)
PD
61.09
W
Derating factor above 25℃
0.49
W/℃
Gate-source voltage
VGS
+20
V
Single pulse avalanche energy
(note2)
EAS
161
mJ
Avalanche energy, repetitive
(note1)
EAR
7.6
mJ
Avalanche Current
(note1)
IAR
5.0
A
Peak diode recovery dv/dt
(note3)
dv/dt
4.5
V/ns
Gate-source ESD(HBM-C=100pF,R=1.5KΩ)
VESD(G-S)
3000
V
Maximum temperature for soldering
TL
300
ºC
Operating junction and storage temperature
range
TJ ,TSTG
150,-55 to150
ºC
5. Thermal characteristics
Symbol
Parameter
Rating
Unit
RθJA
Thermal Resistance, Junction-to-Ambient
62.5
ºC/W
RθJC
Thermal Resistance, Junction-to-Case
1.65
ºC/W
R
θJS
Thermal Resistance, Case-to-Sink Typ.
0.5
ºC/W
2 of7
Rev 1.0 Aug 2015



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com