Electronic Components Datasheet Search
  English  ▼

X  

830S Datasheet(PDF) 1 Page - KIA Semiconductor Technology

Part # 830S
Description  5A竊?50V N-CHANNEL MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KIA [KIA Semiconductor Technology]
Direct Link  http://en.kiaic.com/
Logo KIA - KIA Semiconductor Technology

830S Datasheet(HTML) 1 Page - KIA Semiconductor Technology

  830S Datasheet HTML 1Page - KIA Semiconductor Technology 830S Datasheet HTML 2Page - KIA Semiconductor Technology 830S Datasheet HTML 3Page - KIA Semiconductor Technology 830S Datasheet HTML 4Page - KIA Semiconductor Technology 830S Datasheet HTML 5Page - KIA Semiconductor Technology 830S Datasheet HTML 6Page - KIA Semiconductor Technology 830S Datasheet HTML 7Page - KIA Semiconductor Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
5A,550V
N-CHANNEL MOSFET
KIA
SEMICONDUCTORS
830S
KIA
SEMICONDUCTORS
KIA
SEMICONDUCTORS
1. Features
n
RDS(on)=1.0
Ω @Vgs=10V
n
RoHS compliant
n
Low on resistance
n
Low gate charge(Typical 16.3nC)
n
Peak current vs pulse width curve
2. Applications
n
Adaptor
n
Charger
n
SMPS standby power
3.Symbol
1 of7
Rev 1.0 Aug 2015
Pin
Function
1
Gate
2
Drain
3
Source


Similar Part No. - 830S

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
830S21AMI-01LF IDT-830S21AMI-01LF Datasheet
4Mb / 11P
1-TO-1 2.5V, 3.3V DIFFERENTIAL-TOLVCMOS/LVTTL TRANSLATOR
830S21AMI-01LF IDT-830S21AMI-01LF Datasheet
355Kb / 12P
Differential-to-LVCMOS/LVTTL Translator
830S21AMI-01LFT IDT-830S21AMI-01LFT Datasheet
4Mb / 11P
1-TO-1 2.5V, 3.3V DIFFERENTIAL-TOLVCMOS/LVTTL TRANSLATOR
830S21AMI-01LFT IDT-830S21AMI-01LFT Datasheet
355Kb / 12P
Differential-to-LVCMOS/LVTTL Translator
830S21AMILF IDT-830S21AMILF Datasheet
693Kb / 11P
1-TO-1 2.5V, 3.3V DIFFERENTIAL-TOLVCMOS/LVTTL TRANSLATOR
More results

Similar Description - 830S

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
10N65H KIA-10N65H Datasheet
300Kb / 5P
10A竊?50V N-CHANNEL MOSFET
12N65H KIA-12N65H Datasheet
316Kb / 5P
12A竊?50V N-CHANNEL MOSFET
5N50H KIA-5N50H Datasheet
305Kb / 8P
5A竊?00V N-CHANNEL MOSFET
6N65H KIA-6N65H Datasheet
281Kb / 5P
5.5A竊?50V N-CHANNEL MOSFET
65R190 KIA-65R190 Datasheet
450Kb / 6P
20A竊?50V N-CHANNEL MOSFET
65R300 KIA-65R300 Datasheet
380Kb / 6P
15A竊?50V N-CHANNEL MOSFET
65R420 KIA-65R420 Datasheet
461Kb / 6P
11A竊?50V N-CHANNEL MOSFET
65R950 KIA-65R950 Datasheet
558Kb / 6P
5A竊?50V N-CHANNEL MOSFET
830H KIA-830H Datasheet
606Kb / 8P
5A竊?00V N-CHANNEL MOSFET
7115A KIA-7115A Datasheet
312Kb / 5P
20A竊?50V N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com