Electronic Components Datasheet Search
  English  ▼

X  

840S Datasheet(PDF) 2 Page - KIA Semiconductor Technology

Part # 840S
Description  8A竊?00V N-CHANNEL MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KIA [KIA Semiconductor Technology]
Direct Link  http://en.kiaic.com/
Logo KIA - KIA Semiconductor Technology

840S Datasheet(HTML) 2 Page - KIA Semiconductor Technology

  840S Datasheet HTML 1Page - KIA Semiconductor Technology 840S Datasheet HTML 2Page - KIA Semiconductor Technology 840S Datasheet HTML 3Page - KIA Semiconductor Technology 840S Datasheet HTML 4Page - KIA Semiconductor Technology 840S Datasheet HTML 5Page - KIA Semiconductor Technology 840S Datasheet HTML 6Page - KIA Semiconductor Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
8A,500V
N-CHANNEL MOSFET
KIA
SEMICONDUCTORS
840S
KIA
SEMICONDUCTORS
KIA
SEMICONDUCTORS
4. Absolute maximum ratings
(TC=25°C,unless otherwise specified)
Parameter
Symbol
Rating
Units
TO-220
TO-252,
TO-263
Drain-source voltage
VDSS
500
V
Continuous drain current
ID
8.0
A
Continuous drain currentTC=100 ºC
5.5
A
Pulsed drain current
IDMa1
28
A
Power dissipation
PD
160
100
W
Derating factor above 25℃
1.28
0.8
W/
ºC
Gate-source voltage
VGS
+20
V
Single pulse avalanche energy
EASa2
400
mJ
Avalanche energy, repetitive
EARa1
30
mJ
Avalanche current
IAR a1
7.0
A
Peak diode recovery dv/dt
dv/dt a3
5.5
V/ns
Gate-source ESD(HBM-C=100pF,R=1.5KΩ)
VESD(G-S)
4000
V
Operating junction and storage temperature
range
TJ ,TSTG
150,-55 to150
ºC
Maximum temperature for soldering
TL
300
ºC
*Drain current limited by maximum junction temperature
Caution:Stresses greater than those listed in the
”Absolute maximum ratings”table may cause permanent
Damage to the device
5. Thermal characteristics
Parameter
Symbol
Rating
Unit
Test condition
Junction-case
RθJC
1.04
ºC/W
Drain lead soldered to water cooled heatsink,PD
adjusted for a peak junction temperature of +150
ºC
Junction-ambient
RθJA
100
ºC/W 1 cubic foot chamber,free air
2 of6
Rev 1.2 JAN 2016



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com