Electronic Components Datasheet Search
  English  ▼

X  

840S Datasheet(PDF) 3 Page - KIA Semiconductor Technology

Part # 840S
Description  8A竊?00V N-CHANNEL MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KIA [KIA Semiconductor Technology]
Direct Link  http://en.kiaic.com/
Logo KIA - KIA Semiconductor Technology

840S Datasheet(HTML) 3 Page - KIA Semiconductor Technology

  840S Datasheet HTML 1Page - KIA Semiconductor Technology 840S Datasheet HTML 2Page - KIA Semiconductor Technology 840S Datasheet HTML 3Page - KIA Semiconductor Technology 840S Datasheet HTML 4Page - KIA Semiconductor Technology 840S Datasheet HTML 5Page - KIA Semiconductor Technology 840S Datasheet HTML 6Page - KIA Semiconductor Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
8A,500V
N-CHANNEL MOSFET
KIA
SEMICONDUCTORS
840S
KIA
SEMICONDUCTORS
KIA
SEMICONDUCTORS
6. Electrical characteristics
(TC=25°C,unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Drain-source breakdown voltage
BVDSS
VGS=0V,ID=250μA
500
-
-
V
Bvdss temperature coefficient
△BVDSS/△TJ
Reference 25℃
ID=250uA
-
0.74
-
V/
ºC
Drain-source leakage current
IDSS
VDS=500V,VGS=0V
TA=25°C
-
-
25
μA
VDS=400V,VGS=0V
TA=125
°C
-
-
250
Gate source breakdown voltage
VGSO
IGS=+1mA
(open drain)
+20
-
-
V
Gate-source forward leakage
IGSS(F)
VGS=20V
-
-
10
uA
Gate-source reverse leakage
IGSS(R)
VGS=-20V
-
-
-10
Drain-source on-resistance
RDS(on)
VGS=10V,ID=4A
-
0.7
0.9
Ω
Gate threshold voltage
VGS(TH)
VDS=VGS,ID=250uA
2
3
4
V
Pulse width tp<380
μs, δ<2%
Forward transconductance
gfs
VDS=15V,ID=3A
-
8.5
-
S
Input capacitance
Ciss
VDS=25V,VGS=0V
f=1MHz
-
960
-
pF
Output capacitance
Coss
-
110
-
Reverse transfer capacitance
Crss
-
10
-
Turn-on delay time
td(on)
VDD=250V,ID=8A,
RG=12
Ω,VGS=10V
-
11
-
ns
Rise time
tr
-
17
-
Turn-off delay time
td(off)
-
46
-
Fall time
tf
-
22
-
Total gate charge
Qg
VDD=250V,ID=8A,
VGS=10V
-
24
-
nC
Gate-source charge
Qgs
-
4.0
-
Gate-drain charge
Qgd
-
10
-
Continuous source current(body biode)
IS
-
-
8
A
Maximum pulsed current(body biode)
ISM
-
-
32
Diode forward voltage
VSD
IS=8A,VGS=0V
-
-
1.5
V
Reverse recovery time
trr
IS=8A,VGS=0V
dIF/dt=100A/μs
TJ=25ºC
-
175
-
ns
Reverse recovery charge
Qrr
-
0.75
-
nC
Reverse recovery current
IRRM
-
8.57
-
A
Pulse width tp<380
μs, δ<2%
Note:a1.Repetitive rating;pulse width limited by maximum junction temperature
a2.L=10.0mH,StartTJ=25ºC.
a3.ISD=8A di/dt<100A/μs,VDD< BVDS,StartTJ=25ºC.
3 of6
Rev 1.2 JAN 2016



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com