Electronic Components Datasheet Search
  English  ▼

X  

HM5202 Datasheet(PDF) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5202
Description  Dual High-Efficiency PWM Step-Down DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5202 Datasheet(HTML) 2 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5202 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5202 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5202 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5202 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5202 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5202 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5202 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5202 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ABSOLUTE MAXIMUM RATINGS
VINx Voltage ………… -0.3V to 6.5V
Operating Temperature Range … -40°C to +85°C
ENx,FBx Voltages….…-0.3 to (Vin+0.3V)
Lead Temperature(Soldering,10s)……....+260°C
LXx Voltage …………-0.3V to (Vin+0.3V)
Storage Temperature Range ..…-65°C to 150°C
PACKAGE/ORDER INFORMATION
1
2
DFN3x3-12
VIN2
LX2
GND
(MT3820)
4
3
5
10
9
7
8
FB1
EN1
EN2
NC2
LX1
VIN1
6
11
12
NC1
GND
FB2
GND
Part Number
SWICHING
FREQUENCY
Temp Range
OUTPUT
VOLTAGE (V)
OUTPUT
CURRENT (A)
HM5202
1.5MHz
-40°C to +85°C
ADJ
1.5
PIN DESCRIPTION
PIN
NAME
FUNCTION
1
VIN2
Power Input of Channel2
2
LX2
Pin for Switching of Channel2
3,9,EP
GND
Ground,The exposed pad must be soldered to a large PCB and connected to
GND for maximum power dissipation.
4
FB1
Feedback of Channel1
5,11
NC1,NC2 No connection
6
EN1
Chip Enable of Channel1
7
VIN1
Power Input of Channel1
8
LX1
Pin for Switching of Channel1
10
FB2
Feedback of Channel2
12
EN2
Chip Enable of Channel2
DFN3X3-12
(
HM5202)
2
HM5202



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com