Electronic Components Datasheet Search
  English  ▼

X  

HM5202 Datasheet(PDF) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

Part # HM5202
Description  Dual High-Efficiency PWM Step-Down DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HMSEMI [Shenzhen Huazhimei Semiconductor Co., Ltd]
Direct Link  http://www.hmsemi.com/
Logo HMSEMI - Shenzhen Huazhimei Semiconductor Co., Ltd

HM5202 Datasheet(HTML) 3 Page - Shenzhen Huazhimei Semiconductor Co., Ltd

  HM5202 Datasheet HTML 1Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5202 Datasheet HTML 2Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5202 Datasheet HTML 3Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5202 Datasheet HTML 4Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5202 Datasheet HTML 5Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5202 Datasheet HTML 6Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5202 Datasheet HTML 7Page - Shenzhen Huazhimei Semiconductor Co., Ltd HM5202 Datasheet HTML 8Page - Shenzhen Huazhimei Semiconductor Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ELECTRICAL CHARACTERISTICS
(Vin=3.6V,Vout=1.8V,L=2.2uH, Cin=10uF, Cout=22uF, Ta=25°C)
Parameter
Conditions
MIN
TYP
MAX
unit
Channel1 and Channel2
Input Voltage Range
2.3
6
UVLO Threshold
1.7
1.8
1.9
V
Input DC Supply Current
PWM Mode
PFM Mode
Shutdown Mode
(Note 4)
Vout = 90%, Iload=0mA
Vout = 105%, Iload=0mA
VRUN = 0V, VIN=4.2V
140
35
0.1
200
60
1.0
µA
µA
µA
µA
Regulated Feedback
Voltage
TA = 25°C
0.588
0.600
0.612
V
TA = 0°C ≤ TA ≤ 85°C
0.586
0.600
0.613
V
TA = -40°C ≤ TA ≤ 85°C
0.585
0.600
0.615
V
Reference Voltage Line
Regulation
Vin=2.4V to 5.5V
0.04
0.40
%/V
Output Voltage Line
Regulation
VIN = 2.4V to 5.5V
0.04
0.4
%
Output Voltage Load
Regulation
0.5
%
Oscillation Frequency
Vout=100%
Vout=0V
1.5
MHz
300
kHz
On Resistance of PMOS
ILX=100mA
0.12
0.22
ON Resistance of NMOS
ILX=-100mA
0.10
0.2
Peak Current Limit
VIN= 3V, Vout=90%
2
A
EN Threshold
0.40
1.0
1.50
V
EN Leakage Current
±0.01
±0.1
µA
LX Leakage Current
VRUN=0V,VIN=Vsw=3.6V
±0.01
±1.0
µA
3
HM5202



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com