Electronic Components Datasheet Search
  English  ▼

X  

RM3272D Datasheet(PDF) 1 Page - Shaanxi Reactor Microelectronics Co., Ltd.

Part # RM3272D
Description  12V1A low power adapter application
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REACTOR [Shaanxi Reactor Microelectronics Co., Ltd.]
Direct Link  http://www.reactor-micro.com
Logo REACTOR - Shaanxi  Reactor  Microelectronics  Co., Ltd.

RM3272D Datasheet(HTML) 1 Page - Shaanxi Reactor Microelectronics Co., Ltd.

  RM3272D Datasheet HTML 1Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM3272D Datasheet HTML 2Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM3272D Datasheet HTML 3Page - Shaanxi  Reactor  Microelectronics  Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RM3272D
12V1A 小功率适配器应用方案
陕西亚成微电子股份有限公司
Rev 2016.11
http: // www.reactor-micro.com
产品概述:
RM3272D 是一款高精度的恒压、恒流原边反馈交直流转换控制器。
RM3272D 集成高压功率 MOSFET,适用于高性能,外围电路精简的充电器和适配器。因为芯片工作在
原边检测和控制模式,所以不需要光耦和 TL431。
RM3272D 提供了全面的保护功能,包含 VDD 欠压保护(UVLO)、逐周期电流保护(OCP)、电源过
压保护(OVP)、过温保护(OTP)、短路输出保护(OLP)和 CS 开/短路保护(CS O/SP)等。
RM3272D 采用 DIP-8 封装。
系统规格:
12V/1A
输入电压
85Vac-265Vac
输出功率
12W
功率管
600V/2A
效率
≥82%
恒压精度
≤±5%
待机功耗
<200mW
恒流精度
≤±5%
变压器
EE19
典型应用:
图 1
系统应用原理图


Similar Part No. - RM3272D

ManufacturerPart #DatasheetDescription
logo
Shaanxi Reactor Micro...
RM3272D REACTOR-RM3272D Datasheet
728Kb / 3P
5V2A low power adapter application
RM3272D REACTOR-RM3272D Datasheet
423Kb / 8P
High efficiency and high precision, PSR charger driver chip
Rev.1.0
RM3272D REACTOR-RM3272D_1 Datasheet
728Kb / 3P
5V2A low power adapter application
RM3272D REACTOR-RM3272D_V01 Datasheet
423Kb / 8P
High efficiency and high precision, PSR charger driver chip
Rev.1.0
More results

Similar Description - RM3272D

ManufacturerPart #DatasheetDescription
logo
Shaanxi Reactor Micro...
RM3602AS REACTOR-RM3602AS Datasheet
243Kb / 3P
5V/2A power adapter application
RM6222D REACTOR-RM6222D Datasheet
231Kb / 3P
12V/1A power adapter application
RM6305D REACTOR-RM6305D Datasheet
221Kb / 3P
5V/2.5A power adapter application
RM6314D REACTOR-RM6314D Datasheet
279Kb / 3P
12V/1.5A power adapter application
RM6322D REACTOR-RM6322D Datasheet
292Kb / 3P
12V/1A power adapter application
RM6342AD REACTOR-RM6342AD Datasheet
465Kb / 3P
12V/1A power adapter application
RM3272D REACTOR-RM3272D_1 Datasheet
728Kb / 3P
5V2A low power adapter application
RM6301T REACTOR-RM6301T Datasheet
219Kb / 3P
5V3A power adapter application
RM6301T REACTOR-RM6301T_1 Datasheet
217Kb / 3P
12V2A power adapter application
RM6334D REACTOR-RM6334D Datasheet
456Kb / 3P
12V1.5A power adapter application
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com