Electronic Components Datasheet Search
  English  ▼

X  

RM3272D Datasheet(PDF) 2 Page - Shaanxi Reactor Microelectronics Co., Ltd.

Part # RM3272D
Description  12V1A low power adapter application
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REACTOR [Shaanxi Reactor Microelectronics Co., Ltd.]
Direct Link  http://www.reactor-micro.com
Logo REACTOR - Shaanxi  Reactor  Microelectronics  Co., Ltd.

RM3272D Datasheet(HTML) 2 Page - Shaanxi Reactor Microelectronics Co., Ltd.

  RM3272D Datasheet HTML 1Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM3272D Datasheet HTML 2Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM3272D Datasheet HTML 3Page - Shaanxi  Reactor  Microelectronics  Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RM3272D
12V1A 小功率适配器应用方案
陕西亚成微电子股份有限公司
Rev 2016.11
http: // www.reactor-micro.com
系统 BOM 清单:
序号
元件名称
规格型号
用量
位号
封装要求
1
保险丝
250V,1.0A
1
F1
DIPΦ3*10mm
2
贴片电阻
1MΩ,0.25W,±5%
2
R1 R2
SMD0805
3
贴片电阻
75KΩ,0.125W,±5%
1
R3
SMD0805
4
贴片电阻
2.0Ω,0.25W,±5%
1
R4
SMD1206
5
贴片电阻
2.0Ω,0.25W,±5%
1
R5
SMD1206
6
贴片电阻
10Ω,0.125W,±1%
1
R6
SMD0805
7
贴片电阻
43KΩ,0.125W,±1%
1
R7
SMD0805
8
贴片电阻
3.75KΩ,0.125W,±1%
1
R8
SMD0805
9
贴片电阻
22Ω,0.125W,±5%
1
R9
SMD0805
10
贴片电阻
1.2KΩ,0.125W,±5%
1
R10
SMD0805
11
贴片电阻
1.5MΩ,0.125W,±5%
2
R11 R12
SMD0805
12
电解电容
22μF,400V,±10%
1
C1
DIPΦ13*21mm
13
涤纶电容
2.2nF,1KV,X5R,±10%
1
C2
DIP
14
电解电容
3.3μF,50V,±10%
1
C3
DIPΦ4*8mm
15
贴片电容
10nF,50KV,X5R,±10%
1
C4
SMD0805
16
贴片电容
1nF,200V,X5R,±10%
1
C6
SMD1206
17
电解电容
1000μF,16V,±10%
2
C8 C9
DIPΦ8*15mm
18
Y 电容
1nF,1KV,±20%
1
CY1
DIP
19
共膜电感
18mH,±10%
1
FL1
UU9.8
20
差模电感
3μH,3A,±10%
1
L1
DIPΦ3*16mm
21
整流桥
MB10S
1
D1
SMD
22
二极管
FR107,1A,1KV
2
D2 D3
D0-41
23
二极管
SR3100,3A,100V
1
D4
D0-27
24
IC
RM3272D
1
U1
DIP-8
25
变压器
EE19,卧式 5+5
1
T1
26
PCB
52mm*34mm*1.6mm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com