Electronic Components Datasheet Search
  English  ▼

X  

RM6334D Datasheet(PDF) 1 Page - Shaanxi Reactor Microelectronics Co., Ltd.

Part # RM6334D
Description  5V/3A charger/adapter application
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REACTOR [Shaanxi Reactor Microelectronics Co., Ltd.]
Direct Link  http://www.reactor-micro.com
Logo REACTOR - Shaanxi  Reactor  Microelectronics  Co., Ltd.

RM6334D Datasheet(HTML) 1 Page - Shaanxi Reactor Microelectronics Co., Ltd.

  RM6334D Datasheet HTML 1Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM6334D Datasheet HTML 2Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM6334D Datasheet HTML 3Page - Shaanxi  Reactor  Microelectronics  Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
RM6334D
5V/3A 充电器/适配器应用方案
陕西亚成微电子股份有限公司
Rev 2017.10
http: // www.reactor-micro.com
产品概述:
RM6334D 是一种离线式开关电源管理芯片,内置高压 MOSFET 及电流模式 PWM+PFM 控制器,满足
六级能效标准。
RM6334D 采用低电流启动模式,最低工作电流可达到 600uA,减少待机损耗。芯片内置多种工作模式,
在轻载情况下,芯片进入 Burst mode 模式,消除变压器的音频噪音,提高转换效率;在待机模式下,
电路进入打嗝模式,有效降低电路的待机功耗。内部集成斜坡补偿模块,在 90V-264V 输入时有效的补
偿输出功率,保证输出功率的恒定。
RM6334D 采用 DIP-8 封装。
系统规格:5V/3A
典型应用:
D2
D1
C3
RC
R1
C1
BD1
+
D4
C6 +
R10
T1
C5
U2B
U2A
U3
R12
C9
R11
F1
R9
RM6334D
ACN
ACL
Vo+
Vo-
FB
CS
GND
VDD
1
2
3
4
5
6
8
7
NC
Drain
Drain
Drain
R4
R2
R0
R6
R5
C4 +
R11A
R8
D3
C7 +
R7
C8
U1
L1
+
C2
图 1
系统应用理图
输入电压
90V AC-265V AC
输出功率
15W
功率管
650V/3A
效率
≥81.39%
恒压精度
≤±3%
待机功耗
<75mW
恒流精度
≤±3%
变压器
EE19


Similar Part No. - RM6334D

ManufacturerPart #DatasheetDescription
logo
Shaanxi Reactor Micro...
RM6334D REACTOR-RM6334D Datasheet
456Kb / 3P
12V1.5A power adapter application
More results

Similar Description - RM6334D

ManufacturerPart #DatasheetDescription
logo
Shaanxi Reactor Micro...
RM3256S REACTOR-RM3256S Datasheet
600Kb / 3P
5V/1A charger application
RM3257AD REACTOR-RM3257AD Datasheet
261Kb / 3P
5V,2A charger application
RM3257S REACTOR-RM3257S Datasheet
346Kb / 3P
5V/2.1A charger application
RM3272S REACTOR-RM3272S Datasheet
261Kb / 3P
5V/1.5A charger application
RM3602AS REACTOR-RM3602AS Datasheet
243Kb / 3P
5V/2A power adapter application
RM6224D REACTOR-RM6224D Datasheet
221Kb / 3P
5V/2.5A power adapter application
RM6305D REACTOR-RM6305D Datasheet
221Kb / 3P
5V/2.5A power adapter application
RM6311S REACTOR-RM6311S Datasheet
261Kb / 3P
5V/1.5A power adapter application
logo
Ultralife Corporation.
UAD0014 ULTRALIFE-UAD0014 Datasheet
443Kb / 1P
Charger Adapter
Rev: B
UAD0015 ULTRALIFE-UAD0015 Datasheet
489Kb / 1P
Charger Adapter
Rev: -
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com