Electronic Components Datasheet Search
  English  ▼

X  

RM6334D Datasheet(PDF) 2 Page - Shaanxi Reactor Microelectronics Co., Ltd.

Part # RM6334D
Description  5V/3A charger/adapter application
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REACTOR [Shaanxi Reactor Microelectronics Co., Ltd.]
Direct Link  http://www.reactor-micro.com
Logo REACTOR - Shaanxi  Reactor  Microelectronics  Co., Ltd.

RM6334D Datasheet(HTML) 2 Page - Shaanxi Reactor Microelectronics Co., Ltd.

  RM6334D Datasheet HTML 1Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM6334D Datasheet HTML 2Page - Shaanxi  Reactor  Microelectronics  Co., Ltd. RM6334D Datasheet HTML 3Page - Shaanxi  Reactor  Microelectronics  Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RM6334D
5V/3A 充电器/适配器应用方案
陕西亚成微电子股份有限公司
Rev 2017.10
http: // www.reactor-micro.com
系统 BOM 清单:
位号
元件类型
规格描述
封装尺寸
数量
厂家
U1
芯片
RM6334D
DIP-8
1
亚成微
F1
保险丝
250V 1A
DIP
1
R0
贴片电阻
0R 1/8W ±5%
SMD0805
1
R1
贴片电阻
1.5M 1/4W ±5%
SMD1206
1
R2
贴片电阻
2.7M 1/4W ±5%
SMD1206
1
R4
贴片电阻
2.2R 1/8W ±5%
SMD0805
1
R5 R6
贴片电阻
2.7R 1/4W ±1%
SMD1206
2
R7
贴片电阻
22R 1/4W ±1%
SMD1206
1
R8
贴片电阻
220R 1/8W ±5%
SMD0805
1
R9
贴片电阻
1K 1/8W ±5%
SMD0805
1
R10 R11
贴片电阻
18K 1/8W ±5%
SMD0805
2
RC R11A
贴片电阻
220K 1/4W ±5%
SMD0805
2
C1 C2
电解电容
15uF 400V ±10%
Φ10*13mm
2
C3
涤纶电容
1nF 1KV ±10%
DIP
1
C4
电解电容
6.8uF 50V ±10%
Φ5*10mm
1
C5
贴片电容
22nF 50V ±10%
SMD0805
1
C6
固体电容
820uF 6.3V ±10%
Φ8*8mm
1
C7
高频低阻电解电容
1000uF 10V ±10%
Φ7*12mm
1
C8
贴片电容
1nF 1KV ±10%
SMD0805
1
C9
贴片电容
100nF 50V ±10%
SMD0805
1
Y1
Y 电容
102 400V
DIP
1
D1 D2
贴片二极管
M7
SMA
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com