Electronic Components Datasheet Search
  English  ▼

X  

3402 Datasheet(PDF) 3 Page - KIA Semiconductor Technology

Part # 3402
Description  4.0A竊?0V N-CHANNEL MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KIA [KIA Semiconductor Technology]
Direct Link  http://en.kiaic.com/
Logo KIA - KIA Semiconductor Technology

3402 Datasheet(HTML) 3 Page - KIA Semiconductor Technology

  3402 Datasheet HTML 1Page - KIA Semiconductor Technology 3402 Datasheet HTML 2Page - KIA Semiconductor Technology 3402 Datasheet HTML 3Page - KIA Semiconductor Technology 3402 Datasheet HTML 4Page - KIA Semiconductor Technology 3402 Datasheet HTML 5Page - KIA Semiconductor Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
4.0A,30V
N-CHANNEL MOSFET
KIA
SEMICONDUCTORS
3402
KIA
SEMICONDUCTORS
KIA
SEMICONDUCTORS
6. Electrical characteristics
(TA=25°C,unless otherwise noted)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Drain-source breakdown voltage
BVDSS
VGS=0V,ID=250μA
30
-
-
V
Zero gate voltage drain current
IDSS
VDS=24V,VGS=0V
-
-
1
μA
Gate- body leakage current
IGSS
VGS=+12V,VDS=0V
-
-
100
nA
Gate threshold voltage
VGS(th)
VDS=VGS,ID=250
μA
0.8
1
1.6
V
On state drain current
ID(on)
VGS=4.5V,VDS=5V
10
-
-
A
Static drain-source on-resistance
RDS(on)
VGS=10V,ID=4.0A
-
-
70
m
Ω
VGS=4.5V,ID=2.3A
-
-
75
VGS=2.5V,ID=1.5A
-
-
105
Forward transconductance
gfs
VDS=5.0V,ID=4.0A
-
8.0
-
S
Diode forward voltage
VSD
VGS=0V,IS=1A
-
0.8
1.2
V
Maximum body-diode continuous current
IS
-
-
2.5
A
Input capacitance
Ciss
VDS=15V,VGS=0V,
f=1MHz
-
390
-
pF
Output capacitance
Coss
-
54.5
-
Reverse transfer capacitance
Crss
-
41
-
Gate resistance
Rg
VDS=0V,
VGS=0V,f=1MHz
-
3
-
Ω
Total gate charge
Qg
VDS=15V,VGS=4.5V
ID =4.0A
-
4.34
-
nC
Gate-source charge
Qgs
-
0.6
-
Gate-drain charge
Qgd
-
1.38
-
Turn-on delay time
td(on)
VDS=15V,RL=3.75
Ω,,
RG=6Ω,VGS=10V
-
3.3
-
ns
Rise time
tr
-
1
-
Turn-off delay time
td(off)
-
21.7
-
Fall time
tf
-
2.1
-
Reverse recovery time
trr
IF=4.0A,dI/dt=100A/
μs,
-
12
-
nS
Reverse recovery charge
Qrr
-
6.3
-
nC
Note:A.The value ofRθJA is measured with the device mounted on 1 in2 FR-4 board with 2oz.Copper,in a still
air environment withTA=25℃.The value in any given application depends on the user
’s specific
board design.The current rating is based on the t<10s thermal resistance rating.
B.Repetitive rating,pulse width limited by junction temperature.
C.TheRθJA the sum of the thermal inpedence from junction to leadRΘjl and lead to ambient.
D.The static characteristics in Figures 1 to 6,12,14 are obtained using 80
μs pulses,duty cycle 0.5%
max.
E.These tests are performed with the device mounted on1 in2 FR-4 board with 2oz. Copper,in a still
air environment withTA=25℃.The SOA curve provides a single pulse rating.
3 of5
Rev 1.1 JAN 2014



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com