Electronic Components Datasheet Search
  English  ▼

X  

3402 Datasheet(PDF) 1 Page - KIA Semiconductor Technology

Part # 3402
Description  4.0A竊?0V N-CHANNEL MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KIA [KIA Semiconductor Technology]
Direct Link  http://en.kiaic.com/
Logo KIA - KIA Semiconductor Technology

3402 Datasheet(HTML) 1 Page - KIA Semiconductor Technology

  3402 Datasheet HTML 1Page - KIA Semiconductor Technology 3402 Datasheet HTML 2Page - KIA Semiconductor Technology 3402 Datasheet HTML 3Page - KIA Semiconductor Technology 3402 Datasheet HTML 4Page - KIA Semiconductor Technology 3402 Datasheet HTML 5Page - KIA Semiconductor Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
4.0A,30V
N-CHANNEL MOSFET
KIA
SEMICONDUCTORS
3402
KIA
SEMICONDUCTORS
KIA
SEMICONDUCTORS
1.Description
The KIA3402 uses advanced trench technology to provide excellentRDS(on),low gate charge
and operation with gate voltages as low as 2.5V.This device is suitable for use asa load switch or in PWM
applications. KIA3402(Green Product) is offered in a lead-free package.
2. Features
n
VDS(V)=30V
n
ID=4.0A
n
RDS(on)<70m
Ω(VGS=10V,ID=4.0A)
n
RDS(on)<75m
Ω(VGS=4.5V,ID=2.3A)
n
RDS(on)<105m
Ω(VGS=2.5V,ID=1.5A)
3.Symbol
1 of5
Rev 1.1 JAN 2014
Pin
Function
1
Gate
2
Source
3
Drain


Similar Part No. - 3402

ManufacturerPart #DatasheetDescription
logo
Heyco.
3402 HEYCO-3402 Datasheet
114Kb / 1P
Heyco® PG and Metric Threaded Plugs
logo
Keystone Electronics Co...
3402 KEYSTONE-3402 Datasheet
282Kb / 1P
SPACERS & STANDOFFS
31-07 20th
logo
Schurter Inc.
3402.0003.11 SCHURTER-3402.0003.11 Datasheet
295Kb / 4P
Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 63 VAC, 63 VDC
3402.0003.22 SCHURTER-3402.0003.22 Datasheet
295Kb / 4P
Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 63 VAC, 63 VDC
3402.0003.24 SCHURTER-3402.0003.24 Datasheet
295Kb / 4P
Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 63 VAC, 63 VDC
More results

Similar Description - 3402

ManufacturerPart #DatasheetDescription
logo
KIA Semiconductor Techn...
30N03B KIA-30N03B Datasheet
235Kb / 5P
30A竊?0V N-CHANNEL MOSFET
50N06B KIA-50N06B Datasheet
399Kb / 6P
50A,60V N-CHANNEL MOSFET
Rev 1.1 JAN 2014
1404A KIA-1404A Datasheet
147Kb / 6P
250A竊?0V N-CHANNEL MOSFET
2300 KIA-2300 Datasheet
311Kb / 5P
6.0A竊?0V N-CHANNEL MOSFET
2806A KIA-2806A Datasheet
545Kb / 24P
160A竊?0V N-CHANNEL MOSFET
3205S KIA-3205S Datasheet
486Kb / 6P
130A竊?0V N-CHANNEL MOSFET
3308A KIA-3308A Datasheet
478Kb / 7P
80A竊?0V N-CHANNEL MOSFET
KNX1906B KIA-KNX1906B Datasheet
205Kb / 5P
230A竊?0V N-CHANNEL MOSFET
KNX3403A KIA-KNX3403A Datasheet
226Kb / 7P
85A竊?0V N-CHANNEL MOSFET
KNX8103A KIA-KNX8103A Datasheet
235Kb / 5P
30A竊?0V N-CHANNEL MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com