Electronic Components Datasheet Search
  English  ▼

X  

3407 Datasheet(PDF) 2 Page - KIA Semiconductor Technology

Part # 3407
Description  -4.1A竊?30V P-CHANNEL MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KIA [KIA Semiconductor Technology]
Direct Link  http://en.kiaic.com/
Logo KIA - KIA Semiconductor Technology

3407 Datasheet(HTML) 2 Page - KIA Semiconductor Technology

  3407 Datasheet HTML 1Page - KIA Semiconductor Technology 3407 Datasheet HTML 2Page - KIA Semiconductor Technology 3407 Datasheet HTML 3Page - KIA Semiconductor Technology 3407 Datasheet HTML 4Page - KIA Semiconductor Technology 3407 Datasheet HTML 5Page - KIA Semiconductor Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
-4.1A,-30V
P-CHANNEL MOSFET
KIA
SEMICONDUCTORS
3407
KIA
SEMICONDUCTORS
KIA
SEMICONDUCTORS
4. Absolute maximum ratings
(TA=25°C,unless otherwise noted)
Parameter
Symbol
Rating
Units
Drain-source voltage
VDS
-30
V
Gate-source voltage
VGS
+20
V
Continuous drain current A
TA=25ºC
ID
-4.1
A
TA=70ºC
-3.5
Pulsed drain current B
IDM
-20
A
Total power dissipation A
TA=25 ºC
PD
1.4
W
TA=70ºC
1
W
Junction and storage temperature range
TJ,TSTG
-55 to150
ºC
5. Thermal characteristics
Parameter
Symbol
Typ
Max
Unit
Maximum junction-ambient A(t<10s)
RθJA
65
90
ºC/W
Maximum junction-ambient A
RθJA
85
125
ºC/W
Maximum junction-Lead C
RθJL
43
60
ºC/W
2 of5
Rev 1.1 JAN 2014



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com