Electronic Components Datasheet Search
  English  ▼

X  

3407 Datasheet(PDF) 3 Page - KIA Semiconductor Technology

Part # 3407
Description  -4.1A竊?30V P-CHANNEL MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KIA [KIA Semiconductor Technology]
Direct Link  http://en.kiaic.com/
Logo KIA - KIA Semiconductor Technology

3407 Datasheet(HTML) 3 Page - KIA Semiconductor Technology

  3407 Datasheet HTML 1Page - KIA Semiconductor Technology 3407 Datasheet HTML 2Page - KIA Semiconductor Technology 3407 Datasheet HTML 3Page - KIA Semiconductor Technology 3407 Datasheet HTML 4Page - KIA Semiconductor Technology 3407 Datasheet HTML 5Page - KIA Semiconductor Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
-4.1A,-30V
P-CHANNEL MOSFET
KIA
SEMICONDUCTORS
3407
KIA
SEMICONDUCTORS
KIA
SEMICONDUCTORS
6. Electrical characteristics
(TA=25°C,unless otherwise noted)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Drain-source breakdown voltage
BVDSS
VGS=0V,ID=-250μA
-30
-
-
V
Zero gate voltage drain current
IDSS
VDS=-24V,VGS=0V
-
-
-1
μA
TJ=55°C
-
-
-5
Gate- body leakage current
IGSS
VGS=+20V,VDS=0V
-
-
+100
nA
Gate threshold voltage
VGS(th)
VDS=VGS,ID=-250
μA
-1
-1.8
-3
V
On state drain current
ID(on)
VGS=-4.5V,VDS=-5V
-10
-
-
A
Static drain-source on-resistance
RDS(on)
VGS=-10V,ID=-4.1A
-
-
60
m
Ω
VGS=-4.5V,ID=-3.0A
-
-
90
Forward transconductance
gfs
VDS=-5.0V,ID=-4.0A
5.5
8.2
-
S
Diode forward voltage
VSD
VGS=0V,IS=-1A
-
-0.77
-1.0
V
Maximum body-diode continuous current
IS
-
-
-2.2
A
Input capacitance
Ciss
VDS=-15V,VGS=0V,
f=1MHz
-
700
840
pF
Output capacitance
Coss
-
120
-
Reverse transfer capacitance
Crss
-
75
-
Gate resistance
Rg
VDS=0V,
VGS=0V,f=1MHz
-
10
15
Ω
Total gate charge(10V)
Qg
VDS=-15V,VGS=-4.5V
ID =-4.0A
-
14.3
18
nC
Total gate charge(4.5V)
Qg
7
Gate-source charge
Qgs
-
3.1
-
Gate-drain charge
Qgd
-
3
-
Turn-on delay time
td(on)
VDS=-15V,RL=3.6
Ω,,
RG=3Ω,VGS=-10V
-
8.6
-
ns
Rise time
tr
-
5
-
Turn-off delay time
td(off)
-
28.2
-
Fall time
tf
-
13.5
-
Reverse recovery time
trr
IF=-4A,dI/dt=100A/
μs,
-
27
36
nS
Reverse recovery charge
Qrr
-
15
-
nC
3 of5
Rev 1.1 JAN 2014



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com