Electronic Components Datasheet Search
  English  ▼

X  

ATS278 Datasheet(PDF) 1 Page - Anachip Corp

Part # ATS278
Description  Two Phase Hall Effect Latch With FG Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

ATS278 Datasheet(HTML) 1 Page - Anachip Corp

  ATS278 Datasheet HTML 1Page - Anachip Corp ATS278 Datasheet HTML 2Page - Anachip Corp ATS278 Datasheet HTML 3Page - Anachip Corp ATS278 Datasheet HTML 4Page - Anachip Corp ATS278 Datasheet HTML 5Page - Anachip Corp ATS278 Datasheet HTML 6Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ATS278
Two Phase Hall Effect Latch With FG Output
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev. 1.0 Oct 4, 2005
1/6
Features
- On-chip Hall plate
- Operating voltage: 3.5V~20V
- Internal bandgap regulator allows temperature
compensated operations and a wide operating
voltage range
- High output sinking capability up to 400mA for
driving large load
- Built-in protection diode only for chip reverse
power connecting
- Frequency Generation (FG) output
- Package: SIP-5L
Applications
- Dual-coil Brush-less DC Motor
- Dual-coil Brush-less DC Fan
- Revolution Counting
- Speed Measurement
General Description
ATS278 is an integrated Hall sensor with two output
drivers and rotor speed output, typically designed
for electronic commutation of two-phase brush-less
DC fan applications.
On-chip Hall sensor will generate Hall voltage due
to magnetics sensing. The amplifier will amplify the
Hall voltage. The Schmitt trigger determines
switching hysteresis and then control internal
driver’s on/off to sink load current. Meanwhile, An
internal bandgap regulator is used to provide stable
bais due to temperature-compensation. FG pin will
provide switching frequency of driver. Major feature
is to minimize the external components by
building-in FG output transistor.
If a magnetic flux density larger than threshold Bop,
DO is turned on (low) and DOB is turned off (high).
The output state is held until a magnetic flux density
reversal falls below Brp causing DO to be turned off
and DOB turned on.
Ordering Information
ATS278 X - X X - X
P: SIP-5L
Package
Lead
L : Lead Free
Wafer Body
Magnetic
Characteristics
Blank or
A~Z : if necessary
to specify
A or B
*Packing: Bulk
Typical Application Circuit
278
1
5
4
3
2
5V/12V
Coil1
Coil2
Rpu
C1
+
Speed
R1
R2
C1
C2
R1 = R2 = 47Ω
μ
C1 = C2 = 2.2 F
The R, C value need to be fine tuned
base on coils design.
5V/12V DC Brush-less Fan with FG output function


Similar Part No. - ATS278

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
ATS270A CTS-ATS270A Datasheet
182Kb / 6P
ATS ATS-SM Series
ATS270A CTS-ATS270A Datasheet
182Kb / 6P
Standard HC-49/US thru-hole and HC-49/US-SM surface mount Packages
ATS270A CTS-ATS270A Datasheet
181Kb / 6P
Standard HC-49/US thru-hole and HC-49/US-SM surface mount Packages
ATS270A CTS-ATS270A Datasheet
182Kb / 6P
Standard HC-49/US [thru-hole] and HC-49/US-SM surface mount Packages
ATS270A-E CTS-ATS270A-E Datasheet
182Kb / 6P
ATS ATS-SM Series
More results

Similar Description - ATS278

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APX9145 ANPEC-APX9145 Datasheet
155Kb / 10P
High Sensitivity Hall Effect Sensor IC with FG Output
logo
BCD Semiconductor Manuf...
AH211 BCDSEMI-AH211 Datasheet
191Kb / 11P
TWO PHASE HALL EFFECT LATCH WITH FG OUTPUT
AH287 BCDSEMI-AH287 Datasheet
333Kb / 12P
TWO PHASE HALL EFFECT LATCH WITH LOCKED PROTECTION
logo
Unisonic Technologies
H1277 UTC-H1277 Datasheet
191Kb / 5P
HIGH SENSITIVITY HALL EFFECT SENSOR IC WITH FG OUTPUT
logo
BCD Semiconductor Manuf...
AH287 BCDSEMI-AH287_09 Datasheet
596Kb / 12P
TWO PHASE HALL EFFECT LATCH WITH LOCKED PROTECTION
logo
Unisonic Technologies
H1277 UTC-H1277_11 Datasheet
186Kb / 5P
HIGH SENSITIVITY HALL EFFECT SENSOR IC WITH FG OUTPUT
UH211 UTC-UH211 Datasheet
204Kb / 5P
HIGH SENSITIVITY HALL EFFECT SENSOR IC WITH FG OUTPUT
logo
Diodes Incorporated
AH211 DIODES-AH211 Datasheet
881Kb / 11P
TWO PHASE HALL EFFECT LATCH WITH FG OUTPUT
Rev olution
logo
Allegro MicroSystems
APS12400 ALLEGRO-APS12400 Datasheet
1Mb / 19P
Two-Wire Hall-Effect Latch
APS12800 ALLEGRO-APS12800 Datasheet
1Mb / 18P
Two-Wire Hall-Effect Latch with Advanced Diagnostics
March 24, 2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com