Electronic Components Datasheet Search
  English  ▼

X  

ATS278 Datasheet(PDF) 3 Page - Anachip Corp

Part # ATS278
Description  Two Phase Hall Effect Latch With FG Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

ATS278 Datasheet(HTML) 3 Page - Anachip Corp

  ATS278 Datasheet HTML 1Page - Anachip Corp ATS278 Datasheet HTML 2Page - Anachip Corp ATS278 Datasheet HTML 3Page - Anachip Corp ATS278 Datasheet HTML 4Page - Anachip Corp ATS278 Datasheet HTML 5Page - Anachip Corp ATS278 Datasheet HTML 6Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ATS278
Two Phase Hall Effect Latch With FG Output
Anachip Corp.
www.anachip.com.tw
Rev. 1.0 Oct 4, 2005
3/6
Absolute Maximum Ratings
Characteristics
Symbol
Values
Unit
Supply voltage
VCC
20
V
Reverse VCC Polarity Voltage
VRCC
-20
V
Magnetic flux density
B
Unlimited
Continuous
0.4
Hold
0.5
Output “on” current
Peak (Start Up)
Ic
0.7
A
Sink current of FG
IFG
40
mA
Operating temperature range
Ta
-20~+85
°C
Storage temperature range
Ts
-65~+150
°C
Package Power Dissipation
PD
550
mW
Electrical Characteristics ( Ta=+25°C )
Characteristic
Symbol
Conditions
Min
Typ
Max
Unit
Supply Voltage
VCC
3.5
----
20
V
Output Saturation Voltage
Vce(sat)
Vcc=14V, IL=300mA
----
300
800
mV
Output Zener Breakdown
Vz*
46
V
Output Leakage Current
Icex
Vce=14V, Vcc=14V
----
<0.1
10
µA
Supply Current
Icc
Vcc=20V, Output Open
----
16
25
mA
Output Rise Time
tr
Vcc=14V, RL=820
Ω,
CL=20pF (Test Circuit)
----
3.0
10
µs
Output Falling Time
tf
Vcc=14V, RL=820
Ω,
CL=20pF (Test Circuit)
----
0.3
1.5
µs
Switch Time Differential
∆t
Vcc=14V, RL=820
Ω,
CL=20pF (Test Circuit)
----
3.0
10
µs
FG saturation voltage
VFG
Vcc=14V, IL=20 mA
----
200
700
mV
*Note: The Vz may vary with the inductance/resistance of DC Fan. In order to reduce the risk of dynamic operation, the capacitor/
resistor is recommended to add below the DO/DOB as Application Circuit (on page 1).
14V
DO
DOB
pf
20
C
C
Ω
820
R
R
L2
L1
L2
L1
=
=
=
=
278
1
5
4
3
2
L1
R
L2
R
L1
C
L2
C
( Test circuit )



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com