Electronic Components Datasheet Search
  English  ▼

X  

PEWAN1053 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PEWAN1053
Description  Waveguide Conical Gain Horn Antenna
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWAN1053 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PEWAN1053 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWAN1053 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWAN1053 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEWAN1053 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
-
Pasternack does not make
any representation or warranty regarding the suitability of the part described herein for any particular purpose, and Pasternack does not assume any liability arising out of the use of any part or documentation.
4
PEWAN1053 REV 1.0
WR-10 Waveguide Conical Gain Horn Antenna Operating from 77 GHz to
87 GHz with a Nominal 10 dBi Gain with UG-387/U Round Cover Flange
PEWAN1053
CAD Drawing



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com