Electronic Components Datasheet Search
  English  ▼

X  

PEWAN1053 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PEWAN1053
Description  Waveguide Conical Gain Horn Antenna
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PEWAN1053 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PEWAN1053 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PEWAN1053 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PEWAN1053 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PEWAN1053 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
-
Pasternack does not make
any representation or warranty regarding the suitability of the part described herein for any particular purpose, and Pasternack does not assume any liability arising out of the use of any part or documentation.
1
Features
• Circular Waveguide Interface
• 77 GHz to 87 GHz
• 10 dBi Nominal Gain
• UG-387/U Round Cover Flange
Applications
• Antenna Measurements
• Wireless Communication
• Laboratory Use
• Microwave Radio Systems
.
Description
Waveguide conical gain horn antennas are used in a wide variety of applications due to their high power handling capability,
low loss, high directivity, and near constant electrical performance across a broad bandwidth. Pasternack’s PEWAN1053 WR-
10 waveguide conical gain horn antenna operating from 77 GHz to 87 GHz with a nominal 10 dBi gain is part of our full line of
RF components available for same-day shipping. This Pasternack circular horn antenna has a gold plated brass body and a
precision tolerance UG-387/U round cover flange. The PEWAN1053 WR-10 waveguide conical gain horn antenna offers low
gain variation across its operating frequency range.
Configuration
Design
WR-10 Conical Gain Horn
Pattern
Directional
Polarization
Linear
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
77
87
GHz
Nominal Gain
10
dBi
Horizontal Half Power Beam Width
58
Degrees
Vertical Half Power Beam Width
53
Degrees
VSWR
1.15:1
.
Mechanical Specifications
Size
Length
1.16 in [29.46 mm]
Width
0.75 in [19.05 mm]
Height
0.75 in [19.05 mm]
.
Weight
0.048 lbs [21.77 g]
Waveguide Interface
Waveguide Size
WR-10
Flange Type
Round Cover
Flange Designation
UG-387/U
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: WR-10 Waveguide Conical Gain Horn Antenna Operating from 77 GHz to 87 GHz with a
Nominal 10 dBi Gain with UG-387/U Round Cover Flange PEWAN1053
PEWAN1053 REV 1.0
WR-10 Waveguide Conical Gain Horn Antenna
Operating from 77 GHz to 87 GHz with a Nominal
10 dBi Gain with UG-387/U Round Cover Flange
Gain Horns Technical Data Sheet
PEWAN1053


Similar Part No. - PEWAN1053

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWAN1050 PASTERNACK-PEWAN1050 Datasheet
562Kb / 4P
Waveguide Conical Gain Horn Antenna
PEWAN1051 PASTERNACK-PEWAN1051 Datasheet
551Kb / 4P
Waveguide Conical Gain Horn Antenna
PEWAN1052 PASTERNACK-PEWAN1052 Datasheet
550Kb / 4P
Waveguide Conical Gain Horn Antenna
PEWAN1054 PASTERNACK-PEWAN1054 Datasheet
551Kb / 4P
Waveguide Conical Gain Horn Antenna
PEWAN1055 PASTERNACK-PEWAN1055 Datasheet
556Kb / 4P
Waveguide Conical Gain Horn Antenna
More results

Similar Description - PEWAN1053

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PEWAN1035 PASTERNACK-PEWAN1035 Datasheet
554Kb / 4P
Waveguide Conical Gain Horn Antenna
PEWAN1037 PASTERNACK-PEWAN1037 Datasheet
562Kb / 4P
Waveguide Conical Gain Horn Antenna
PEWAN1038 PASTERNACK-PEWAN1038 Datasheet
555Kb / 4P
Waveguide Conical Gain Horn Antenna
PEWAN1048 PASTERNACK-PEWAN1048 Datasheet
549Kb / 4P
Waveguide Conical Gain Horn Antenna
PEWAN1049 PASTERNACK-PEWAN1049 Datasheet
570Kb / 4P
Waveguide Conical Gain Horn Antenna
PEWAN1054 PASTERNACK-PEWAN1054 Datasheet
551Kb / 4P
Waveguide Conical Gain Horn Antenna
PEWAN1056 PASTERNACK-PEWAN1056 Datasheet
549Kb / 4P
Waveguide Conical Gain Horn Antenna
PEWAN1061 PASTERNACK-PEWAN1061 Datasheet
566Kb / 4P
Waveguide Conical Gain Horn Antenna
PEWAN1062 PASTERNACK-PEWAN1062 Datasheet
566Kb / 4P
Waveguide Conical Gain Horn Antenna
PEWAN1064 PASTERNACK-PEWAN1064 Datasheet
551Kb / 4P
Waveguide Conical Gain Horn Antenna
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com